Part Number Hot Search : 
EV004 25LC0 AD7870SQ SPX116 CP301 M4S24HW 32100 0N40CL
Product Description
Full Text Search
 

To Download EDF-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series Diplexer 5-1000 MHz
SM-85 Package
1.20 (30.0) 15 14 13 12 11 16 17 1.20 18 (30.0) 19 20 EC 10 9 8 6 1 0.202 16X (5.13) 23 4 5 20X ORIENTATION DOT 20 19 18 0.35 MAX (9.0) 0.03 (0.8) 17 16 15 14 13 12 11 BOTTOM VIEW 1 2 3 4 5 6 7 8 9 10 1.980 (4.00) 1.215 7 (30.86)
1.215 (30.86)
0.204 4X (5.19) 0.202 16X (5.13)
0.078 20X (2.00)
Features
* * Surface Mount Impedance 75 Ohms Nominal
Description
M/A-COM's EDF-2 is a Low Cost, Non Hermetically Sealed Diplex Filter unit designed for CATV applications.
Electrical Specifications @ 25C
Parameter Test Conditions Units Min. Typ. Max.
Frequency Range Low Pass Cutoff Loss Pass Reject High Pass Cutoff Insertion Loss Low Pass (PassBand) Low Pass (StopBand) Low Pass (StopBand) High Pass (StopBand) High Pass (PassBand) Insertion Loss Flatness Return Loss Input Port
5-1000 42 54 54
MHz MHz MHz MHz
-
-
-
-
5-42 54-1500 500-1000 5-42 54-1000 5-42 54-1000 5-42 54-700 700-1000 5-42 54-700 700-1000
MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
dB dB dB dB dB dB dB dB dB dB dB dB dB
45 38 45 18 18 16 18 18 16
0.5 50 40 50 0.5 21 21 18 21 21 18
1.0 1.1 0.5 0.5
-
Return Loss Low Pass Port Return Loss High Pass Port
Note: Specifications subject to change without notice.
Note *: Flatness is defined as any response change within a 10 MHz frequency span therefore the flatness spec is intended to mean that no change of 0.5dB, within a 10 MHz frequency span anywhere in the pass band of a diplex filter will be permitted.
1 Rev E
EDF-2
Typical Performance @ +25 C
Input Return Loss
0 .0 -5 .0 -1 0 .0 -1 5 .0 -2 0 .0 -2 5 .0
Isolation
0 .0 -1 0 .0 -2 0 .0 -3 0 .0
dB
dB
-4 0 .0 -5 0 .0 -6 0 .0 -7 0 .0
-3 0 .0 -3 5 .0 1 .0 1 0 .0 1 0 0 .0
O pt io ns
-8 0 .0 -9 0 .0
O p tions
1 0 0 0 .0
1 .0
1 0 .0
1 0 0 .0
1 0 0 0 .0
F re q u e n c y (M H z )
F re q u e n c y (M H z )
Low Pass Filter Insertion Loss
1 0 .0 0 .0 -1 0 .0 -2 0 .0
High Pass Filter Insertion Loss
1 0 .0 0 .0 - 1 0 .0 - 2 0 .0
dB
dB
-3 0 .0 -4 0 .0 -5 0 .0 -6 0 .0 -7 0 .0 -8 0 .0 1 .0 1 0 .0 1 0 0 .0 1 0 0 0 .0
O pt io ns
- 3 0 .0 - 4 0 .0 - 5 0 .0 - 6 0 .0 - 7 0 .0 - 8 0 .0 1 .0 1 0 .0 1 0 0 .0 1 0 0 0 .0
O p tio n s
F re q u e n c y (M H z )
F re q u e n c y (M H z )
Low Pass Filter Output Return Loss
High Pass Filter Output Return Loss
1 0 .0 5 .0 0 .0 -5 .0 -1 0 .0
1 0 .0 5 .0 0 .0 - 5 .0 - 1 0 .0
dB
dB
-1 5 .0 -2 0 .0 -2 5 .0 -3 0 .0 -3 5 .0 -4 0 .0 1 .0 1 0 .0 1 0 0 .0 1 0 0 0 .0
O p tions
- 1 5 .0 - 2 0 .0 - 2 5 .0 - 3 0 .0 - 3 5 .0 - 4 0 .0 1 .0 1 0 .0 1 0 0 .0 1 0 0 0 .0
O p tio n s
F re q u e n c y (M H z )
F re q u e n c y ( M H z )
Rev E
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Absolute Maximum 020 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 Ratings
Visit www.macom.com for additional data sheets and product information.
2
EDF-2
Absolute Maximum Ratings
Parameter RF Power DC Current Operating/Storage Temperature Absolute Maximum 250 mW 30 mA -20 C to +85 C
Functional Configuration
Pin No. Function Input Low Pass High Pass Ground Not Connected 18 9 7 1-6,8.10-17.19,20 -
Additional Specifications
Group Delay (nSec) 36.8-40 MHz =12ns 51-57 MHz =10ns
Rev E
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of EDF-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X