Part Number Hot Search : 
1N6692S 02111 C330F 45000 B25667 ON2830 MK105 002N3
Product Description
Full Text Search
 

To Download ED806CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ED802CS Thru ED806CS
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes
FEATURES
* For surface mounted applications * Low profile package * Built-in strain relief * Easy pick and place * Superfast recovery times for high efficiency * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Glass passivated junction * High temperature soldering: 260oC / 10 seconds at terminals
1 .264(6.7) .248(6.3) .098(2.5) .082(2.1)
DPAK / TO-252
4
.063(1.6) .047(1.2)
.216(5.5) .200(5.1)
.024(0.6) .016(0.4)
2 3
.106(2.7) .090(2.3) .032(0.8) .012(0.3)
MECHANICAL DATA
Case: D PAK/TO-252 molded plastic Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 Polarity: Color band denotes cathode Standard packaging: 16mm tape (EIA-481) Weight: 0.015 ounce, 0.4 gram.
.09 .09 (2.3) (2.3)
.071(1.8) .051(1.3)
1 3
2 4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Resistive or inductive load.
SYMBOLS Maxi mum Recurrent Peak Reverse Voltage Maxi mum RMS Voltage Maxi mum D C Blocki ng Voltage Maxi mum Average Forward Recti fi ed C urrent at TC=75oC Peak Forward Surge C urrent 8.3ms si ngle half si ne-wave superi mposed on rated load(JED EC method) Maxi mum Instantaneous Forward Voltage at 4.0A (Note 1) Maxi mum D C Reverse C urrent (Note 1)TA=25oC at Rated D C Blocki ng Voltage TA=100oC Maxi mum Thermal Resi stance (Note 2) Maxi mum Reverse Recovery Storage T mperature Range e V V V
RRM
ED802CS 200 140 200 8.0
ED803CS 300 210 300 8.0
ED804CS 400 280 400 8.0
.040(1.0) MIN.
.02(.5)
.225(5.7) .209(5.3)
ED806CS 600 420 600 8.0
UNITS Volts Volts Volts Amps
RMS
DC
I (AV)
I FSM
70
70
70
70
Amps
V
F
0.95 5.0 50 10 80 35
1.30 5.0 50 10 80 35
1.30 5.0 50 10 80 35
1.70 5.0 50 10 80 35
o
Volts A
IR RJC RJA T T
RR
C/W ns
o
STG
-55 to +150
C
NOTES: 1. Pulse Test with PW=300sec, 2% Duty Cycle. 2. Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas. Part Number: ED802CS - ED806CS PAGE 1
RATING AND CHARACTERISTIC CURVES
40 20
200 V 300 - 400 V
INSTANTANEOUS FORWARD CURRENT
10.0
AVERAGE FORWARD CURRENT
8.0 6.0 4.0 2.0 0 150
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
600 V
TJ=25 C PULSE WIDTH=200mS 0.9 1.10 1.30 1.50 1.70 1.90 2.10
O
0
50
O
100
0.7
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1000 TC = 100OC 80
PEAK FORWARD SURGE CURRENT,
100 TC = 75OC 10 TC = 25OC 1.0
70 60 50 40 30 20 10 0 1 2 5 10 20 50 100
0.1
0
100
200
300
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
60 50
CAPACITANCE, pF
40 30 20 10 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
Part Number: ED802CS - ED806CS
PAGE 2


▲Up To Search▲   

 
Price & Availability of ED806CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X