Part Number Hot Search : 
ST1510 R2M10V22 D1031 CH125 LT323 LF2249 AD5539SQ VM800B
Product Description
Full Text Search
 

To Download ED5506PPAP-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoelectrics Diffuse-reflective Types ED 5502/5506
* * * * * * * * Range: 200 or 600 mm Adjustable sensitivity Modulated, infrared light Rated operational voltage: 10 to 30 VDC Output: DC 200 mA, NPN or PNP Make and break switching function, LED indication High immunity to ambient light Photoelectric, inductive and capacitive flat pack series in PC housing, IP 67 * Cable or M12 plug versions
Product Description
Diffuse-reflective photoelectric with sensing distance up to 600 mm. Easily adjustable sensitivity with 270 potentiometer. LED indication for output ON. Flat pack housing size (W x H x D) 35 x 55 x 15 mm made in polycarbonate. Easy mounting with only two M3.5 screws. Ideal for use in conveying and material handling applications
Ordering Key
Type Housing Range Output type Housing material Connection type
ED 55 06 NPA P-1
Type Selection
Housing diameter WxHxD 35 x 55 x 15 Rated operating dist. (Sn) 200 mm 600 mm Ordering no. NPN/cable Make & break swit. ED 5502 NPAP ED 5506 NPAP Ordering no. NPN/plug Make & break swit. ED 5502 NPAP-1 ED 5506 NPAP-1 Ordering no. PNP/cable Make & break swit. ED 5502 PPAP ED 5506 PPAP Ordering no. PNP/plug Make & break swit. ED 5502 PPAP-1 ED 5506 PPAP-1
Specifications
Rated operating dist. (Sn) ED 5502 ED 5506 Protection Up to 200 mm Up to 600 mm Reference target: Kodak test card R27, white, 90% reflectivity 100 x 100 mm 200 x 200 mm 50 to 200 mm 150 to 600 mm 0.5%/C < 20% 10 to 30 VDC (ripple included) 10% 200 mA 200 mA 100 nF 30 mA, 0.5 mA 100 A 2.5 V Transient voltage Sensitivity Light source Light type Sensing angle Ambient light Operating frequency (f) ED 5502 ED 5506 Response time ED 5502 OFF-ON (tON) ED 5506 ON-OFF (tOFF) ED 5502 ED 5506 Power ON delay (tV) Indication Output ON Environment Overvoltage category Pollution degree Degree of protection Reverse polarity, shortcircuit, transients Max. 1 kV/0.5 J Adjustable, 270 turn potentiometer GaAlAs LED, 880 nm Infrared, modulated, synchronized 25 at 1/2 range Max. 10,000 lux 500 Hz, light/dark ratio 1:2 100 Hz, light/dark ratio 1:2 0.67 ms 4 ms 1.33 ms 6 ms Typ. 100 ms LED, yellow (indicates the present of a target or object) III (IEC 60664/664A; 60947-1) 3 (IEC 60664/664A; 60947-1) IP 67 (IEC 60529; 60947-1)
ED 5502 ED 5506 Adjustable range ED 5502 ED 5506 Temperature drift Hysteresis (H) (Differential travel) Rated operational volt. (UB) Ripple (Urpp) Output current Continuous (Ie) Short-time (I) Max. load capacity No load supply current (IO) Min. load current (Im) OFF-state current (Ir) Voltage drop (Ud)
Specifications are subject to change without notice (07.02.2006)
1
ED 5502/5506
Specifications (cont.)
Temperature Operating Storage Vibration Shock Dielectric voltage Housing material -20 to +60C (-4 to +140F) -30 to +70C (-22 to +158F) 10 to 150 Hz, 0.5 mm/7.5 g (IEC 60068-2-6) 2 x 1 m & 100 x 0.5 m (IEC 60068-2-32) 500 VAC (rms) Polycarbonate, black Connection Cable Note: Plug (-1) Weight CE-marking Grey, 2 m, oilproof PVC, 4 x 0.34 mm2 Other cable lengths on request M12, CONH1A-.. serie 125 g cable version 40 g plug version Yes
Dimensions
15 35
57,5
55
O7,5 3,5 18
4,5 4 7
O6,8
O5,2
25
Potentiometer
LED
O3 0,9
ED 550. .PAP
Potentiometer
10
ED 550. .PAP-1
LED
Operation Diagram
Power supply Object present, light received Output ON: Make switching (NO) BK(4) Break switching (NC) WH(2)
Tv Tv
Installation Hints
To avoid interference from inductive voltage/ current peaks, separate the prox. switch power cables from any other power cables, e.g. motor, contactor or solenoid cables Relief of cable strain Protection of the sensing face Switch mounted on mobile carrier
Incorrect
Correct The cable should not be pulled A proximity switch should not serve as mechanical stop Any repetitive flexing of the cable should be avoided
2
Specifications are subject to change without notice (07.02.2006)
ED 5502/5506
Truth Table
Make switching Object present DC types LED Load Output NPN Output PNP OFF ON OFF ON No Yes Break switching No Yes
Wiring Diagrams
1 BN
2 WH 4 BK 3 BU
NPN
Non-active Active High Low Low High
Active Non-active Low High High Low
1 BN 4 BK 2 WH
3 BU
PNP
Accessories
* Connector type CON.1A../CON.14NF.. series
Delivery Contents
* Photoelectric switch: ED 550. .... * Screw driver * Packaging: plastic bag
Specifications are subject to change without notice (07.02.2006)
3


▲Up To Search▲   

 
Price & Availability of ED5506PPAP-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X