Part Number Hot Search : 
2462B 2SC4578 74LV161D MMDT4401 T8202260 A1774 10M30CL2 MAX3814
Product Description
Full Text Search
 

To Download ECSSM23B1MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Timers Symmetrical Recycler Type ECS
* * * * * * * * *
SCREW FASTON
Fail-safe two-wire connection Low-cost Multi-voltage: 24-230 VAC 2 types: Recycler (Start OFF) Recycler (Start ON) Time range: 0.5 s - 10 m Knob-adjustable time setting Output: SCR 10-500 mA (screws) and SCR 10-700mA (Fast-ON) For mounting on DIN-rail in accordance with DIN/EN 50 022 22.5 mm small Euronorm housing
Product Description
Small, low cost monofunction timer with adjustable time setting. 2-wire connection for easy and fail-safe use (see diagram). For mounting on DIN-rail or directly on surface by screw. The timer is used e.g. with industrial relays or 3-phase contactors.
Ordering Key
Housing Function Small E-line Output Power supply Type Time range Fast-ON connection
ECS S M23 A 10S F
Type Selection
Mounting For DIN-rail or for screw Output SCR SCR SCR For DIN-rail or for screw SCR SCR SCR Time range 0.5 - 10 s 0.1 - 1 m 1 - 10 m 0.5 - 10 s 0.1 - 1 m 1 - 10 m Connection Screws Screws Screws Fast-ON Fast-ON Fast-ON Supply: 24 - 230 VAC ECS S M23 A 10S ECS S M23 B 10S ECS S M23 A 1M ECS S M23 B 1M ECS S M23 A 10M ECS S M23 B 10M ECS S M23 A 10S F ECS S M23 B 10S F ECS S M23 A 1M F ECS S M23 B 1M F ECS S M23 A 10M F ECS S M23 B 10M F (OFF) (ON) (OFF) (ON) (OFF) (ON) (OFF) (ON) (OFF) (ON) (OFF) (ON)
Time Specifications
Time ranges 10 S 1M 10 M Time range accuracy 0.5 - 10 s 0.1 - 1 m 1 - 10 m Max. setting: actual time max. set time min. setting: actual time min. set time 0.2% 0.1%/V 0.2%/C T 1 OFF 1.1 TON Power supply interruption 200 ms
Output Specifications
Output Output current Maximum load current (screw terminals) (Fast-ON connection) Maximum current for 100 ms (screw terminals) (Fast-ON connection) Minimum load current Leakage current Voltage drop SCR
500 mA 700 m 5.5 A 7A 10 m 3.5 mA @ 230 V typ.: 2 m 8 VAC typ.: 5 VAC @ 50 mA
Repeat accuracy Time variation Within rated power supply and ambient temperature Ratio TOFF/TON Reset Time and output
Supply Specifications
Power supply Rated operational voltage Rated insulation voltage Overvoltage cat. III (IEC 60664) (IEC 60038) 24-230 VAC, -10/+15% None
Specifications are subject to change without notice (24.07.06)
1
ECS
General Specifications
Power ON delay Power OFF delay Environment Degree of protection Pollution degree Operating temperature Storage temperature Weight Housing Dimensions Screw terminals Fast-ON terminals Material 100 ms 200 ms IP 20 3 -20 to +50C (-4 to +122F) -30 to +80C (-22 to +176F) 50 g 22.5 x 56 x 49 mm 22.5 x 56 x 44 mm ABS Approvals CE Marking EMC Immunity UL, CSA Yes Electromagnetic Compatibility Acc. to IEC 60801-4 Acc. to IEC 60801-5
Wiring Diagram
L
N
Operation Diagram
Power supply ECS (Typ A) ECS (Typ B)
Dimensions
SCREW
49 22.5 47.4 15
FAST-ON
22.5 44 15
56
20
42
56
49
49
4x f3.4
4x f3.4
2
Specifications are subject to change without notice (24.07.06)


▲Up To Search▲   

 
Price & Availability of ECSSM23B1MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X