Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
 

To Download ECG006F-PCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECG006
Product Features
DC - 5.5 GHz +15.5 dBm P1dB at 1 GHz +32 dBm OIP3 at 1 GHz 15 dB Gain at 1 GHz 3.7 dB Noise Figure Available in lead-free/green SOT-86, SOT-363, & SOT-89 package styles * Internally matched to 50 * * * * * *
InGaP HBT Gain Block
Product Description
The ECG006 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 1000 MHz, the ECG006 typically provides 15 dB of gain, +32 dBm Output IP3, and +15.5 dBm P1dB.
Functional Diagram
GND 4
1
2 GND
3 RF OUT
Applications
* * * * * Mobile Infrastructure CATV / FTTX W-LAN / ISM RFID WiMAX / WiBro
The ECG006 consists of Darlington pair amplifiers using the high reliability InGaP/GaAs HBT process technology and only requires DC-blocking capacitors, a bias resistor, and an inductive RF choke for operation. The device is ideal for wireless applications and is available in low-cost, surface-mountable plastic lead-free/green/RoHS-compliant SOT-363, SOT-86 and SOT-89 packages. All devices are 100% RF and DC tested. The broadband MMIC amplifier can be directly applied to various current and next generation wireless technologies such as GPRS, GSM, CDMA, and W-CDMA. In addition, the ECG006 will work for other various applications within the DC to 5.5 GHz frequency range such as CATV and mobile wireless.
RF IN
ECG006B-G
GND
4
RF In
1
RF Out
3
2
GND
ECG006C-G
GND 1 6 RF OUT
GND
2
5
GND
RF IN
3
4
GND
ECG006F-G
Specifications (1)
Parameter
Operational Bandwidth Test Frequency Gain Output P1dB Output IP3 (2) Test Frequency Gain Input Return Loss Output Return Loss Output P1dB Output IP3 (2) Noise Figure Device Voltage Device Current
Typical Performance (1)
Units
MHz MHz dB dBm dBm MHz dB dB dB dBm dBm dB V mA
Min
DC
Typ
1000 15 +15.4 +32 2000 14 18 14 +15 +32 4.0 3.9 45
Max
5500
Parameter
Frequency S21 S11 S22 Output P1dB Output IP3 (2) Noise Figure
Units
MHz dB dB dB dBm dBm dB 500 15.5 -20 -16 +15.8 +32 3.7
Typical
900 15 -14 -13 +15.4 +32 3.7 1900 14.2 -17.4 -14.5 +15 +30 3.7 2140 14 -18 -15 +15 +30 3.7
12
18
+12
3.5
4.3
1. Test conditions unless otherwise noted: 25 C, Supply Voltage = +5 V, Rbias = 24.3 , 50 System. 2. 3OIP measured with two tones at an output power of +2 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Ordering Information Absolute Maximum Rating
Parameter
Operating Case Temperature Storage Temperature Device Current RF Input Power (continuous) Junction Temperature
Part No.
ECG006B-G ECG006C-G ECG006F-G ECG006B-PCB ECG006C-PCB ECG006F-PCB
Description
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 package)
Rating
-40 to +85 C -55 to +150 C 150 mA +12 dBm +250 C
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-86 package)
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-363 package)
700 - 2400 MHz Fully Assembled Eval. Board 700 - 2400 MHz Fully Assembled Eval. Board 700 - 2400 MHz Fully Assembled Eval. Board
Specifications and information are subject to change without notice
Operation of this device above any of these parameters may cause permanent damage.
WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com
Page 1 of 7 April 2007
ECG006
Frequency S21 S11 S22 Output P1dB Output IP3 Noise Figure
InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +5 V, Rbias = 24.3 , Icc = 45 mA
MHz dB dB dB dBm dBm dB 100 15.3 -20 -29 +15.8 +31 3.8 500 15.2 -18 -16 +15.4 +31.5 3.7 900 15.1 -14 -13 +15.2 +32 3.6 1900 14.5 -17 -14 +15.0 +30 3.6 2140 14.3 -18 -14 +14.9 +30 3.6 2400 14.1 -20 -15 +14.6 +29.6 3.6 3500 13.9 -17 -15 +14 5800 10.2 -12.5 -9.5
1. Test conditions: T = 25 C, Supply Voltage = +5 V, Device Voltage = +3.9 V, Rbias = 24.3 , Icc = 45 mA typical, 50 System. 2. 3OIP measured with two tones at an output power of +2 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. 3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gain vs. Frequency 18 16 S11, S22 (dB) Gain 14 12 10 +25C 8 500 1000 -40C +85C -25 1500 2000 Frequency (MHz) 2500 3000 0 1 0 -5 -10 -15 -20
S11, S22 vs. Frequency
90 80 70 60 50 40 30 20 10 +25C
Vde vs. Icc
S22
S11
Icc (mA) 5 6
2 3 4 Frequency (GHz)
0 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40
Vde (V)
OIP3 vs. Frequency 35 30 OIP3 (dBm) NF (dB) 25 20 +25C 15 500 1000 -40C +85C 2500 3000 2 500 4 3.5 3 2.5
Noise Figure vs. Frequency 18 16 P1dB (dBm) 14 12 10
P1dB vs. Frequency
+25C 1000 1500 2000 8 500 1000
-40C
+85C 2500 3000
1500 2000 Frequency (MHz)
Frequency (MHz)
1500 2000 Frequency (MHz)
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 2 of 7 April 2007
ECG006
Vcc Icc = 45 mA
InGaP HBT Gain Block
Recommended Application Circuit ECG006C-PCB
R4 Bias Resistor C4 Bypass Capacitor C3 0.018 F L1 RF Choke RF IN ECG006 C1 Blocking Capacitor C2 Blocking Capacitor RF OUT
ECG006B-PCB
ECG006F-PCB
Reference Designator L1 C1, C2, C4
50 820 nH .018 F
Recommended Component Values Frequency (MHz) 500 900 1900 2200 220 nH 68 nH 27 nH 22 nH 1000 pF 100 pF 68 pF 68 pF
2500 18 nH 56 pF
3500 15 nH 39 pF
1. The proper values for the components are dependent upon the intended frequency of operation. 2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Ref. Desig. L1 C1, C2 C3 C4 R4
Value / Type 39 nH wirewound inductor 56 pF chip capacitor 0.018 F chip capacitor Do Not Place 24.3 1% tolerance
Size 0603 0603 0603 0805
Recommended Bias Resistor Values Supply R1 value Size Voltage 5V 24.4 ohms 0805 6V 46.7 ohms 0805 8V 91 ohms 1210 9V 113 ohms 1210 10 V 136 ohms 2010 12 V 180 ohms 2010
The proper value for R1 is dependent upon the supply voltage and allows for bias stability over temperature. WJ recommends a minimum supply bias of +5 V. A 1% tolerance resistor is recommended.
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 3 of 7 April 2007
ECG006
InGaP HBT Gain Block
ECG006B-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free (maximum 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes.
Outline Drawing
Product Marking
The component will be marked with an "E006G" designator with an alphanumeric lot code on the top surface of the package. The obsolete tin-lead package is marked with an "E006" designator followed by an alphanumeric lot code; it may also have been marked with a "E" designator followed by a 3digit numeric lot code. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
Land Pattern
MSL / ESD Rating
ESD Rating: Value: Test: Standard:
Class 1A Passes between 250 and 500V Human Body Model (HBM) JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +260 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance, Rth
Rating
-40 to +85 C 131 C/W
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 4 of 7 April 2007
ECG006
InGaP HBT Gain Block
ECG006C-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with both lead-free (maximum 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes.
Outline Drawing
Product Marking
The component will be marked with a two-digit numeric lot code (shown as "XX") followed with an "I" designator on the top surface of the package. The obsolete tin-lead package is marked with a two-digit numeric lot code followed with a "N" designator; it may also have been marked with a "N" designator followed by a two-digit lot code. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
MSL / ESD Rating
ESD Rating: Value: Test: Standard:
Class 1A Passes between 250 and 500V Human Body Model (HBM) JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +260 C convection reflow Standard: JEDEC Standard J-STD-020
Land Pattern Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance, Rth
Rating
-40 to +85 C 233 C/W
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 5 of 7 April 2007
ECG006
InGaP HBT Gain Block
ECG006F-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the leads is annealed matte tin over copper. It is compatible with both lead-free (maximum 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes.
Outline Drawing
Product Marking
The component will be marked with a twodigit numeric lot code (shown as "XX") followed with a "7" designator on the top surface of the package. The obsolete tinlead package is marked with a two-digit numeric lot code followed with a "3" designator; it may also have been marked with a "30" designator followed by a letter lot code. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
MSL / ESD Rating
ESD Rating: Value: Test: Standard:
Class 1A Passes between 250 and 500V Human Body Model (HBM) JEDEC Standard JESD22-A114
Land Pattern
MSL Rating: Level 3 at +260 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance, Rth
Rating
-40 to +85 C 131 C/W
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 6 of 7 April 2007
ECG006
Freq (MHz) S11 (dB)
InGaP HBT Gain Block
Typical Device S-Parameters - ECG006B-G
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25C, calibrated to device leads)
S11 (ang) S21 (dB) S21 (ang) S12 (dB) S12 (ang) S22 (dB) S22 (ang)
50 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
-16.18 -16.13 -15.97 -15.79 -15.34 -14.99 -14.73 -14.29 -13.38 -11.80 -9.66 -7.85 -6.37
-2.18 -22.13 -44.58 -68.38 -96.24 -124.42 -153.90 174.59 141.41 110.87 85.53 63.77 47.01
15.76 15.57 15.21 14.80 14.57 14.34 14.02 13.65 13.22 12.66 12.00 11.20 10.36
178.02 160.12 141.76 124.56 108.50 91.11 74.20 56.77 39.56 22.19 5.48 -10.89 -26.75
-18.89 -18.77 -18.46 -17.94 -17.29 -16.69 -16.16 -15.76 -15.49 -15.29 -15.28 -15.43 -15.69
-0.38 -2.87 -5.33 -9.45 -14.37 -21.48 -29.16 -38.37 -47.75 -57.59 -68.56 -79.10 -89.87
-14.36 -14.40 -14.15 -13.78 -13.23 -12.79 -12.22 -11.63 -10.44 -9.04 -7.50 -6.12 -4.95
-2.29 -26.41 -51.57 -77.30 -104.15 -131.75 -160.58 170.65 143.61 117.68 96.34 76.71 59.58
Typical Device S-Parameters - ECG006C-F
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25C, calibrated to device leads)
Freq (MHz) S11 (dB) S11 (ang) S21 (dB) S21 (ang) S12 (dB) S12 (ang) S22 (dB) S22 (ang)
50 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
-13.66 -13.64 -14.11 -15.20 -17.86 -20.46 -18.86 -17.20 -16.45 -17.31 -16.22 -13.68 -11.01
-1.22 -13.39 -23.99 -35.45 -52.47 -93.43 -135.97 -158.47 -171.80 166.84 136.42 110.91 97.79
15.30 15.23 15.01 14.72 14.44 14.06 13.53 12.99 12.38 11.76 11.25 10.56 9.95
178.47 164.32 149.00 134.06 119.89 105.18 91.27 77.75 65.03 52.68 40.65 28.09 17.28
-18.67 -18.59 -18.38 -17.99 -17.52 -17.12 -16.59 -16.21 -15.93 -15.73 -15.52 -15.42 -15.43
-0.33 0.29 0.78 0.29 -0.93 -3.33 -6.24 -10.91 -15.16 -19.74 -24.35 -29.98 -34.96
-12.25 -12.33 -12.52 -13.08 -14.31 -15.20 -15.01 -14.89 -14.50 -13.75 -12.08 -10.21 -8.73
-1.92 -20.62 -41.41 -62.51 -82.78 -99.71 -124.98 -157.99 170.24 147.52 133.59 119.31 106.39
Typical Device S-Parameters - ECG006F-G
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25C, calibrated to device leads)
Freq (MHz) S11 (dB) S11 (ang) S21 (dB) S21 (ang) S12 (dB) S12 (ang) S22 (dB) S22 (ang)
50 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
-16.22 -14.87 -16.45 -16.41 -14.08 -12.50 -12.18 -11.70 -10.97 -10.24 -9.06 -8.32 -7.84
-0.52 -18.97 -51.46 -95.69 -118.65 -114.48 -126.96 -139.53 -158.51 178.62 161.58 150.77 140.56
15.76 15.63 15.51 15.22 14.79 14.48 14.14 13.94 13.57 13.03 12.33 11.60 10.95
178.32 165.77 151.31 137.15 123.39 112.93 100.74 88.52 75.28 62.14 51.12 42.08 33.72
-18.82 -18.87 -18.40 -18.07 -17.74 -17.16 -16.80 -16.16 -15.72 -15.50 -15.19 -15.22 -15.14
-0.82 1.49 1.44 0.35 -1.31 -2.57 -4.49 -8.66 -12.48 -19.07 -24.71 -28.00 -30.97
-14.16 -12.83 -14.19 -14.59 -13.52 -13.05 -12.19 -11.93 -11.00 -9.10 -7.50 -6.87 -6.78
-2.06 -24.91 -55.98 -93.37 -120.99 -122.53 -138.80 -159.41 174.63 151.63 139.14 136.14 137.51
Device S-parameters are available for download off of the website at: http://www.wj.com
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 7 of 7 April 2007


▲Up To Search▲   

 
Price & Availability of ECG006F-PCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X