|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD Type : EC31QS04 OUTLINE DRAWING FEATURES * Miniature Size,Surface Mount Device * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Capability * 30 Volts through 100Volts Types Available * Packaged in 12mm Tape and Reel * Not Rolling During Assembly Maximum Ratings Rating Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Approx Net Weight:0.06g Symbol VRRM IO IF(RMS) IFSM Tjw Tstg EC31QS04 40 1.3 Ta=36 C *1 50Hz Half Sine Tl=81 C Wave Resistive Load 3.0 Tl:Lead Temperature 4.71 50Hz Half Sine Wave,1cycle 60 Non-repetitive -40 to +150 -40 to +150 Unit V A A A C C Electrical * Thermal Characteristics Characteristics Symbol Conditions Min. Typ. Max. 3 0.55 108 23 Unit mA V C /W Peak Reverse Current IRM Tj= 25C, VRM= VRRM Peak Forward Voltage VFM Tj= 25C, IFM= 3.0A Thermal Junction to Ambient Rth(j-a) *1 Resistance Junction to Lead Rth(j-l) *1 Alumina Substrate Mounted Soldering Lands=2x2mm,Both Sides EC31QS_ OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE EC31QS04 20 INSTANTANEOUS FORWARD CURRENT (A) 10 5 2 Tj=25C Tj=150C 1 0.5 0.2 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION EC31QS04 3.0 AVERAGE FORWARD POWER DISSIPATION (W) 2.5 D.C. 2.0 RECT 180 HALF SINE WAVE RECT 120 RECT 60 1.5 1.0 0.5 0 0 1 2 3 4 5 AVERAGE FORWARD CURRENT (A) PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 100 EC31QS04 PEAK REVERSE CURRENT (mA) 50 20 0 10 20 30 40 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION EC31QS04 D.C. 4.0 AVERAGE REVERSE POWER DISSIPATION (W) 3.5 3.0 2.5 2.0 RECT 300 RECT 240 RECT 180 1.5 HALF SINE WAVE 1.0 0.5 0 0 10 20 30 40 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE A lum ina S ubs tr ate Mo unted(S olde ring La nd= 2x2 mm ),V RM =4 0V EC31QS04 3.5 D.C. AVERAGE FORWARD CURRENT (A) 3.0 2.5 2.0 RECT 180. RECT 120. RECT 60. 1.5 HALF SINE WAVE. 1.0 0.5 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE V RM =40 V 5 D.C. EC31QS04 AVERAGE FORWARD CURRENT (A) 4 RECT 180. 3 HALF SINE WAVE. RECT 120. 2 RECT 60. 1 0 0 25 50 75 100 125 150 LEAD TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load 70 EC31QS04 60 SURGE FORWARD CURRENT (A) 50 40 30 20 I FSM 0.02s 10 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 500 EC31QS04 JUNCTION CAPACITANCE (pF) 200 100 50 0.5 1 2 5 10 20 50 REVERSE VOLTAGE (V) |
Price & Availability of EC31QS04 |