Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download EC3015PNAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Proximity Sensors Capacitive Thermoplastic Polyester Housing Types EC, M18, M30, Cable
* Thermoplastic polyester housing, cylindrical * Diameter: M18, M30 * Adjustable sensing distance * Power supply: 10 to 40 VDC 20 to 250 VAC * Output: Transistor NPN or PNP, make or break switching SCR, make or break switching * Protection: Reverse polarity and short-circuit * LED-indication for output ON * 2 m cable
Product Description
Proximity switch in M18 and M30 housings. NPN, PNP and AC outputs. Adjustable sensing distance. Polyester housing. Delivered with 2 m cable.
Ordering Key
Capacitive proximity switch Housing diameter (mm) Rated operating dist. (mm) Output type Housing material
EC 1808 NPO P
Type Selection, Transistor NPN/PNP Output DC Types
Housing diameter M18 M30 3)
1) 2)
Rated operating dist. (Sn) 2) 8 mm 1) 15 mm 1)
Ordering no. Transistor NPN Make switching EC 1808 NPOP EC 3015 NNAP
Ordering no. Transistor NPN Break switching EC 1808 NPCP
Ordering no. Transistor PNP Make switching EC 1808 PPOP EC 3015 PNAP
Ordering no. Transistor PNP Break switching EC 1808 PPCP
For non-flush mounting Object: Grounded steel plate 3 Not for new designs - for replacement part numbers contact sales office
Type Selection, SCR Output AC Types
Housing diameter M18 M30 3)
1) 2)
Rated operating dist. (Sn) 2) 8 mm 1) 15 mm 1)
Ordering no. SCR Make switching EC 1808 TBOP EC 3015 TBOP
Ordering no. SCR Break switching EC 1808 TBCP EC 3015 TBCP
For non-flush mounting Object: Grounded steel plate 3) Not for new designs - for replacement part numbers contact sales office
Specifications are subject to change without notice (09.12.01)
1
EC, M 18, M 30, Cable
Specifications
Transistor NPN/PNP Rated operational volt. (Ue) (UB) Ripple Rated operational current (Ie) Continuous Short-time No-load supply current (Io) Minimum load current OFF-state current (Ir) Voltage drop (Ud) Protection Transient voltage Power ON delay 12 to 36 VDC 10 to 40 VDC (ripple included) 10% 200 mA 200 mA EC 18 EC 3015 SCR 20 to 250 VAC, 50 to 60 Hz
500 mA 2.5 A, max. 20 ms 12 mA (no load) 20 mA (no load) 10 mA 2.6 mA 10 VAC at loads 20 mA Transil (transient protection) 5 kV/0.5 J (prepared) EC 18 350 ms EC 3015 TBCP 300 ms EC 3015 TBOP 100 ms EC 18 EC 30 LED, yellow 10 Hz 10 Hz
EC 18 2.8 VDC at max. load EC 30 2.5 VDC at max. load Reverse polarity, short-circuit (EC 18) EC 1808 3 kV/0.5 J (prepared)
Frequency of operating cycles (f) Indication for output ON Rated operating dist. (Sn) (adjustable) Rated operating dist. (Sn) (fixed)
EC 18 EC 3015 LED, yellow
25 Hz 30 Hz
EC 18 2 to 10 mm, factory set at 8 mm
EC 18 2 to 10 mm, factory set at 8 mm EC 30 5 to 15 mm, factory set at 15 mm
Repeat accuracy (R) Hysteresis (H) (Differential travel) Effective operating dist. (Sr) Usable operating dist. (Su) Ambient temperature Operating Storage Degree of protection Housing material Body Back Cable Weight Tightening torque Approvals CE-marking
EC 3015 15 mm Reference object: Grounded steel plate. Other objects: Refer to "Reduction Factors", Technical information 10% 1 to 20% of sensing distance 0.9 x Sn Sr 1.1 x Sn EC 18 0.9 x Sr Su 1.1 x Sr EC 30 0.8 x Sr Su 1.15 x Sr EC 18 -25 to +70C ( -13 to +158F) EC 3015 0 to +70C (+32 to +158F) EC 18 -30 to +80C (-22 to +176F) EC 30 -30 to +80C (-22 to +176F) IP 67 (Nema 1, 3, 4, 6, 13) Yellow thermoplastic polyester Black thermoplastic polyester 2 m, 3 x 0.25 mm2 grey PVC, oil proof EC 18 120 g EC 30 170 g EC 18 2.6 Nm EC 30 7.5 Nm UL, CSA Yes (only EC1808 NPOP and EC1808NPCP)
10% 1 to 20% of sensing distance 0.9 x Sn Sr 1.1 x Sn EC 18 0.9 x Sr Su 1.1 x Sr EC 30 0.8 x Sr Su 1.15 x Sr EC 18 -25 to +70C (-13 to +158F) EC 30 -25 to +70C (-13 to +158F) EC 18 -30 to +80C (-22 to +176F) EC 30 -30 to +80C (-22 to +176F) IP 67 (Nema 1, 3, 4, 6, 13) Yellow thermoplastic polyester Black thermoplastic polyester 2 m, 2 x 0.5 mm2 grey PVC, oil proof EC 18 120 g EC 30 170 g EC 18 2.6 Nm EC 30 7.5 Nm UL, CSA Yes
2
Specifications are subject to change without notice (09.12.01)
EC, M18, M30, Cable
Dimensions
79 8 52 19 20.5 LED 2000
o10
8
M30 x 1.5 10 SW36 Sensit
EC 18
EC 30
Wiring Diagrams
1 BN
o28
+
1 BN
+
1 BN 4 BK
+
5.2
1 BN
+
2 WH 4 BK 3 BU
2 WH
-
3 BU
-
3 BU
3 BU
PNP - Make switching
PNP - Break switching
NPN - Make switching
NPN - Break switching
Installation Hints
To avoid interference from inductive voltage/ current peaks, separate the prox. switch power cables from any other power cables, e.g. motor, contactor or solenoid cables Relief of cable strain Protection of the sensing face Switch mounted on mobile carrier
Incorrect
Correct The cable should not be pulled A proximity switch should not serve as mechanical stop Any repetitive flexing of the cable should be avoided
Power Supplies
Power supplies VDC: > SS 130/140. Power supplies with amplifier relays: > SV 190.
Specifications are subject to change without notice (09.12.01)
3


▲Up To Search▲   

 
Price & Availability of EC3015PNAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X