Part Number Hot Search : 
AK439303 1H105K HCPL3120 HMC290E F103Z XTL1011 MG1401A BU508D
Product Description
Full Text Search
 

To Download EC10QS09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type
:
EC10QS09
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Capability * 30 Volts through 100Volts Types Available * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg 20 0.92 1.0
EC10QS09
90 Ta=25 C *1 Ta=55 C *2 50Hz Half Sine Wave Resistive Load
Unit V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A *1 *2 Min. Typ. Max. 0.5 0.85 157 108 Unit mA V C /W
Rth(j-a) Junction to Ambient
*1 Glass Epoxy Substrate Mounted *2 Alumina Substrate Mounted Soldering Lands=2x2mm,Both Sides
EC10QS_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
EC10QS09
5
INSTANTANEOUS FORWARD CURRENT (A)
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
EC10QS09
D.C.
1.2
AVERAGE FORWARD POWER DISSIPATION (W)
1.0
RECT 180
0.8
HALF SINE WAVE RECT 120
0.6
RECT 60
0.4
0.2
0 0 0.4 0.8 1.2 1.6
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 5 EC10QS09
PEAK REVERSE CURRENT (mA)
2
1 0 20 40 60 80 100
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
EC10QS09
D.C.
0.35
AVERAGE REVERSE POWER DISSIPATION (W)
0.30
RECT 300
0.25
RECT 240
0.20
0.15
RECT 180
0.10
HALF SINE WAVE
0.05
0 0 20 40 60 80 100
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
G la ss -E pox y Su bstra te M ounted( Lan d= 2x2m m ),V RM =9 0V EC10QS09
1.6 1.4
D.C.
AVERAGE FORWARD CURRENT (A)
1.2 1.0 0.8
RECT 60. HALF SINE WAVE RECT 120. RECT 180.
0.6 0.4 0.2 0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Alu min a S ub strate M ounted( Land =2 x2m m ),V RM =90 V EC10QS09
D.C.
1.6
AVERAGE FORWARD CURRENT (A)
1.2
RECT 180 HALF SINE WAVE RECT 120.
0.8
RECT 60.
0.4
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load EC10QS09 20
SURGE FORWARD CURRENT (A)
16
12
8
4
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 100 EC10QS09
JUNCTION CAPACITANCE (pF)
50
20
10 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of EC10QS09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X