Part Number Hot Search : 
DTC114E U2739M TM128 74HC147 F4010 MM5Z43H 5KP64C TP10AS
Product Description
Full Text Search
 

To Download EA61FC4-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
EA61FC4 EA61FC4-F
OUTLINE DRAWING
FEATURES
* TO-252AA Case, Surface Mounting Device * Packaged in 16mm Tape and Reel * Ultra - Fast Recovery * Low Forward Voltage drop * Low Power Loss * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitiv Peak Reverse Voltage P.C.Board Average Rectified mounted * Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 45 1.7 6.0 Ta=26C Tc=109C
Approx Net Weight:0.30g EA61FC4-F 400 440 50Hz Full Sine Wave Resistive Load Unit V
A A A C C
6.66 50Hz Full Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Junction to Ambient Junction to Case Symbol IRM VFM Conditions Min Typ Max 20 1.25 30 80 5 Unit A V ns C/W C/W Tj=25C,VRM=VRRM per Arm Tj=25C,IFM= 3 A per Arm IFM= 3 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-a) P.C.Board mounted * Rth(j-c) -
* Print Land = 20x20 mm
EA61FC4-F OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of EA61FC4-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X