Part Number Hot Search : 
107AF MC33035D SFBDY58A V7703B FTRPB LC7233 XXXXXX P8797
Product Description
Full Text Search
 

To Download E914PGT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.eLED.com
Package Dimensions
2 x 3mm RECTANGULAR SOLID
LAMPS
E914Ix E914ED E914ET E914Gx E914Ax E914PGT
HIGH EFFICIENCY RED ORANGE HIGH EFFICIENCY RED GREEN YELLOW PURE GREEN
Features
1.LOW POWER CONSUMPTION. 2.ULTRA BRIGHTNESS IS AVAILABLE . Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice. 3.RELIABLE AND RUGGED. 4.EXCELLENT UNIFORMITY OF LIGHT OUTPUT. 5.SUITABLE FOR LEVEL INDICATOR. 6.LONG LIFE - SOLID STATE RELIABILITY.
Description
The High Efficiency Red and Orange source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Pure Green source color devices are made with Gallium Phosphide Pure Green Light Emitting Diode.
Selection Guide
P a r t No . Em i t t i n g Co l o r +M a t e r i a l D ( n m ) L ens T y p e Min . Iv ( m c d ) @ 10 m A Typ . Vi e w i n g An g l e 21/2
E 914I D E 914I T E 914E D E 914E T E914GD E914GT E 914A D E 914A T E914PGT
GaAsP/GaP GaAsP/GaP GaAsP/GaP GaAsP/GaP GaP GaP GaAsP/GaP GaAsP/GaP GaP
625 625 625 625 568 568 588 588 555
RED DI FFUSED RED TRANSPARENT ORANGE DI FFUSED ORANGE TRANSPARENT GREEN DI FFUSED GREEN TRANSPARENT AMBER DI FFUSED AMBER TRANSPARENT GREEN TRANSPARENT
2 3 2 3 2 3 2 2 0.5
8 8 8 8 6 8 5 7 1
100 90 100 90 100 90 100 90 90
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
DATA NO :EA0260
REV NO : V1
DATE :SEP/05/2001
E914-1/5
www.eLED.com
Electrical / Optical Characteristics at TA=25C
Sy mb o l P arameter De v i c e Hi g h E ffi c i e n c y R e d Or a n g e Gr e e n Ye l l o w P u r e Gr e e n Hi g h E ffi c i e n c y R e d Or a n g e Gr e e n Ye l l o w P u r e Gr e e n Hi g h E ffi c i e n c y R e d Or a n g e Gr e e n Ye l l o w P u r e Gr e e n Hi g h E ffi c i e n c y R e d Or a n g e Gr e e n Ye l l o w P u r e Gr e e n Hi g h E ffi c i e n c y R e d Or a n g e Gr e e n Ye l l o w P u r e Gr e e n A ll Typ . 627 627 565 590 555 625 625 568 588 555 45 45 30 35 30 15 15 15 20 45 2.0 2.0 2.0 2.1 2.25 2.5 2.5 2.5 2.5 2.5 10 Max . Un i t s T e s t Co n d i t i o n s
peak
P e a k W a v e le n g th
nm
I F=20mA
D
Do m i n a t e W a v e l e n g t h
nm
I F=20mA
1/2
Spe ctra l L in e H a l f wi d t h
nm
I F=20mA
C
C a pa cita n ce
pF
VF=0V;f=1MHz
VF
F o r wa r d V o l t a g e
V
I F=20mA
IR
R e v e r se C u r r e n t
uA
V R = 5V
Absolute Maximum Ratings at TA=25C
P a ra me te r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Soldering Temperature [2] H i g h Ef f i c i e n c y R ed 105 30 160 5 Or a n g e 105 30 160 5 Gr e e n 105 25 140 5 -40C To +85C 260C For 5 Seconds Ye llo w 105 30 140 5 P u r e Gr e e n 105 25 135 5 Un i t s mW mA mA V
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
DATA NO :EA0260
REV NO :V1
DATE :SEP/05/2001
E914-2/5
www.eLED.com
High Efficiency Red E914ID
High Efficiency Red E914IT
DATA NO :EA0260
REV NO : V1
DATE :SEP/05/2001
E914-3/5
www.eLED.com
Orange E914ED
High Efficiency Red E914ET
Green E914GD
Green E914GT
DATA NO :EA0260
REV NO :V1
DATE :SEP/05/2001
E914-4/5
www.eLED.com
Yellow E914AD
Yellow E914AT
Pure Green E914PGT
DATA NO :EA0260
REV NO : V1
DATE :SEP/05/2001
E914-5/5


▲Up To Search▲   

 
Price & Availability of E914PGT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X