Part Number Hot Search : 
200S1 DS2408 TLP541 MC144 RGL34G HMC397 AAT3124 B1006ERW
Product Description
Full Text Search
 

To Download E5AN-R3MTC-500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Temperature Controllers
E5AN
Compact and Intelligent Temperature Controllers
* Depth of only 78 mm. * Various temperature inputs: thermocouple, platinum resistance thermometer, infrared temperature sensor, and analog inputs. * Auto-tuning and self-tuning available. Auto-tuning is possible even while self-tuning is being executed. * Heating or heating/cooling control is available. * Event input allows multiple SP selection and run/stop function. * Water-resistant construction (NEMA4X: equivalent to IP66). * Conforms to UL, CSA, and IEC safety standards as well as CE marking.
96(W) x 96(H) x 78(D) mm
(R)
Model Number Structure
I Model Number Legend
E5AN- @ @ @ M @ -500
1 2 3 4 5
4. Option Unit M: Option Unit can be mounted 5. Input type TC: Thermocouple P: Platinum resistance thermometer 1. Output type R: Relay Q: Voltage (for driving SSR) C: Current 2. Number of alarms 3: Three alarms 3. Heater burnout alarm Blank:Not available H: Available
Ordering Information
I Standard Models
Size 1/4 DIN 96(W) x 96(H) x 78(D) mm Power supply voltage 100 to 240 VAC 3 No. of alarm points Control output Relay Voltage (for driving SSR) Current 24 VAC/VDC 3 Relay Voltage (for driving SSR) Current Heater burnout alarm No Yes No Yes No No Yes No Yes No Thermocouple model Platinum resistance thermometer model E5AN-R3MTC-500 E5AN-R3HMTC-500 E5AN-Q3MTC-500 E5AN-Q3HMTC-500 E5AN-C3MTC-500 E5AN-R3MTC-500 E5AN-R3HMTC-500 E5AN-Q3MTC-500 E5AN-Q3HMTC-500 E5AN-C3MTC-500 E5AN-R3MP-500 E5AN-R3HMP-500 E5AN-Q3MP-500 E5AN-Q3HMP-500 E5AN-C3MP-500 E5AN-R3MP-500 E5AN-R3HMP-500 E5AN-Q3MP-500 E5AN-Q3HMP-500 E5AN-C3MP-500
Note 1. A Current Transformer (CT) is not provided with the Unit. If using a heater burnout alarm, be sure to order one when ordering the E5AN. 2. When the heating and cooling function or the heater burnout alarm is used, one of the alarm outputs will be disabled for each function used. 3. Specify the power supply specifications when ordering.
Digital Temperature Controllers
E5AN
I-11
Temperature Controller
I Option Units
The E5AN provides communication or event input functionality when mounted with one of the following Option Units. Name Communication Unit Event Input Unit Model E53-AK01 E53-AK03 E53-AKB Function RS-232C communication RS-485 communication Event input
I Current Transformer (Sold Separately)
Model Hole diameter E54-CT1 5.8 dia. E54-CT3 12.0 dia.
I Terminal Cover
Model E53-COV11 Note: The Terminal Cover comes with the E5AN and does not have to be purchased separately.
Specifications
I Ratings
Supply voltage Operating voltage range Power consumption Sensor input 100 to 240 VAC, 50/60 Hz 85% to 110% of rated supply voltage 9 VA Thermocouple: Platinum resistance thermometer: Infrared temperature sensor: Voltage input: Relay output Voltage output Current output Alarm output Control method Setting method Indication method Other functions Ambient temperature Ambient humidity Storage temperature 5 VA/4 W K, J, T, E, L, U, N, R, S, B Pt100, JPt100 10 to 70C, 60 to 120C, 115 to 165C, 160 to 260C 0 to 50 mV 24 VAC, 50/60 Hz/24 VDC
Control output
SPST-NO, 250 VAC, 5 A (resistive load), electrical life: 100,000 operations 12 VDC +15%/-20% (PNP), max. load current: 40 mA, with short-circuit protection circuit 4 to 20 mA DC, load: 600 max., resolution: approx. 2,600 SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations 2-PID or ON/OFF control Digital setting using front panel keys 7-segment digital display and single-lighting indicator Character height: PV: 15.0 mm; SV: 9.5 mm According to Controller model -10 to 55C (with no condensation or icing) 25% to 85% -25 to 65C (with no condensation or icing)
I-12
Digital Temperature Controllers E5AN
I Input Ranges
Platinum Resistance Thermometer Input/Thermocouple Input
Platinum resistance thermometer input Input type Name 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 -100 -200 Platinum resistance thermometer Pt100 JPt100
Temperature range
850
500.0
500.0
100.0 0.0 -200 -199.9 -199.9
100.0 0.0
Set value
0
1
2
3
4
Thermocouple input Input type Name 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 -100 -200 K J T Thermocouple E L U N R
1700
ES1A Infrared Temperature Sensor S
1700
Analog input 0 to 50 mV Usable in the following ranges by scaling: -1999 to 9999 or -199.9 to 999.9
B
1800
K10 to 70C
K60 to K115 to K160 to 120C 165C 260C
1300
1300
Temperature range
850
850
500.0 400.0 400 400.0 400 400.0 260 120 70 100 -20.0 -100 -200 -200 -199.9 -20.0 0 -100 -200 -199.9 -200 0 0 0 0 0 0 165
Set value
0
1
2
3
4
17
5
6
7
18
8
9
10
11
12
13
14
15
16
Applicable standards by input type are as follows: K, J, T, E, N, R, S, B: JIS C1602-1995 L: Fe-CuNi, DIN 43710-1985 U: Cu-CuNi, DIN 43710-1985 JPt100: JIS C1604-1989, JIS C1606-1989 Pt100: JIS C1604-1997, IEC751 Shaded ranges indicate default settings. ES1A models with a temperature range of 160C to 260C have been discontinued.
Digital Temperature Controllers
E5AN
I-13
Temperature Controller
600
I Characteristics
Indication accuracy Thermocouple: (0.5% of indicated value or 1C, whichever greater) 1 digit max. (see note) Platinum resistance thermometer: (0.5% of indicated value or 1C, whichever greater) 1 digit max. Analog input: 0.5% FS1 digit max. CT input: 5% FS1 digit max. 0.1 to 999.9 EU (in units of 0.1 EU) 0.1 to 999.9 EU (in units of 0.1 EU) 0 to 3999 s (in units of 1 s) 0 to 3999 s (in units of 1 s) 1 to 99 s (in units of 1 s) 0.0% to 100.0% (in units of 0.1%) -1999 to 9999 (decimal point position depends on input type) 500 ms 20 M min. (at 500 VDC) 2000 VAC, 50 or 60 Hz for 1min (between different charging terminals) 10 to 55 Hz, 10 m/s2 for 2 hours each in X, Y and Z directions 300 m/s2, 3 times each in 3 axes, 6 directions (relay: 100 m/s2) Approx. 310 g Mounting bracket: Approx. 60 g Front panel: NEMA4X for indoor use (equivalent to IP66), rear case: IP20, terminals: IP00 EEPROM (non-volatile memory) (number of writes: 100,000) Emission Enclosure: Emission AC Mains: Immunity ESD: EN55011 Group 1 class A EN55011 Group 1 class A EN61000-4-2: 4 kV contact discharge (level 2) 8 kV air discharge (level 3) Immunity RF-interference: ENV50140: 10 V/m (amplitude modulated, 80 MHz to 1 GHz) (level 3) 10 V/m (pulse modulated, 900 MHz) Immunity Conducted Disturbance: ENV50141: 10 V (0.15 to 80 MHz) (level 3) Immunity Burst: EN61000-4-4: 2 kV power-line (level 3) 2 kV I/O signal-line (level 4) UL3121-1, CSA22.2 No. 142, E.B.1402C Conforms to EN50081-2, EN50082-2, EN61010-1 (IEC61010-1) Conforms to VDE0106/part 100 (Finger Protection), when the terminal cover is mounted.
Hysteresis Proportional band (P) Integral time (I) Derivative time (D) Control period Manual reset value Alarm setting range Sampling period Insulation resistance Dielectric strength Vibration resistance Shock resistance Weight Degree of protection Memory protection EMC
Approved standards
Note: The indication of K thermocouples in the -200 to 1300C range, and T and N thermocouples at a temperature of -100C or less, and U and L thermocouples at any temperature is 2C1 digit maximum. The indication of B thermocouples at a temperature of 400C or less is unrestricted. The indication of R and S thermocouples at a temperature of 200C or less is 3C1 digit maximum.
I Communications Specifications
Transmission path connection Communications method (see note 1) Synchronization method Baud rate Transmission code Data bit length (see note 2) Stop bit length (see note 2) Error detection RS-485: Multiple points RS-232C: Point-to-point RS-485 (two-wire, half duplex)/RS-232C Start-stop synchronization 1,200/2,400/4,800/9,600/19,200 bps ASCII 7 or 8 bits 1 or 2 bits Vertical parity (none, even, odd) Frame check sequence (FCS): with SYSWAY Block check character (BCC): with CompoWay/F Not available RS-485/RS-232C Not available 40 bytes
Flow control Interface (see note 1) Retry function Communications buffer
Note 1. RS-232C communications are only supported for the E5AN and E5EN models. 2. The baud rate, data bit length, stop bit length, or vertical parity can be individually set using the communications setting level.
I-14
Digital Temperature Controllers E5AN
I Current Transformer (Sold Separately) Ratings
Dielectric strength Vibration resistance Weight Accessories (E54-CT3 only) 1,000 VAC (1 min) 50 Hz 98 m/s2 E54-CT1: Approx. 11.5 g E54-CT3: Approx. 50 g Armature (2) Plug (2)
I Heater Burnout Alarm Specifications
Max. heater current Input current readout accuracy Heater burnout alarm setting range Min. detection ON time Single-phase AC: 50 A (see note 1) 5%FS1 digit max. 0.0 to 50.0 A (0.1 A units) (see note 2) 190 ms (see note 3)
Note 1. When heater burnout is detected on a 3-phase heater, use the K2CU-F@@A-@GS (with gate input terminal). 2. When the set value is "00 A," the heater burnout alarm will always be OFF. When the set value is "50.0 A," the heater burnout alarm will always be ON. 3. When the control output ON time is less than 190 ms, heater burnout detection and heater current measurement will not be carried out.
I Engineering Data
Electrical Life Expectancy Curve for Relays (Reference Values)
500
Life expectancy (x104 operations)
300
100 50 30
E5AN, E5EN 250 VAC, 30 VDC (resistive load) cos = 1
10 5 3
E5CN 250 VAC, 30 VDC (resistive load) cos = 1
1 0 1 2 3 4 5 6
E54-CT1 Thru-current (Io) vs. Output Voltage (Eo) (Reference Values)
Maximum continuous heater current: 50 A (50/60 Hz) Number of windings: 4002 Winding resistance: 182
Output voltage (Eo) V (r.m.s.)
100 V 50 Hz 10 1 k
Distortion factor 10% 3% 1%
1
100 mV 100 RL = 10
10
1 100 V 10 1
10
100 mA
1
10
100 1,000 A
Thru-current (Io) A (r.m.s.)
Digital Temperature Controllers
E5AN
I-15
Temperature Controller
Switching current (A)
E54-CT3 Thru-current (Io) vs. Output Voltage (Eo) (Reference Values)
Maximum continuous heater current: 120 A (50/60 Hz) (Maximum continuous heater current for an OMRON Temperature Controller is 50 A.) Number of windings: 4002 Winding resistance: 80.8
Output voltage (Eo) V (r.m.s.)
100 V 50 Hz 10 1 k 500 Distortion factor 10% 3% 1%
1
100 mV
100 50 RL = 10
10
1 100 V 10 1
10
100 mA
1
10
100 1,000 A
Thru-current (Io) A (r.m.s.)
Wiring Terminals
* The voltage output (control output) is not electrically insulated from the internal circuits. When using a grounding thermocouple, do not connect the control output terminals to the ground. If the control output terminals are connected to the ground, errors will occur in the measured temperature values as a result of leakage current. * Standard insulation is applied to the power supply I/O sections. If reinforced insulation is required, connect the input and output terminals to a device without any exposed current-carrying parts or to a device with standard insulation suitable for the maximum operating voltage of the power supply I/O section.
Event input Contact inputs Current output Voltage output Relay output Input power supply Non-contact input Communications RS-232C 11 SD 12 RD 13 SG
4 DC to 20 mA 12 VDC 40 mA
RS-485 11 B (+) 12 A (-) 13 Do not use
Control output 1
Heater burnout detection input
ALM3/Control output 2
Alarm output
ALM2
Analog input
ALM1/Heater burnout
Note: Two input power supplies are available: 100 to 240 VAC or 24 VDC.
I-16
Digital Temperature Controllers E5AN
Nomenclature
Temperature unit
Operation indicators
No.1 display
No.2 display
Level key
Up key
Down key
Mode key
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Panel Cutouts
Mounted Separately Group Mounted (96 x number of units -3.5) +1.0 0
Group mounting does not allow waterproofing.
* Recommended panel thickness is 1 to 8 mm. * Group mounting is not possible in the vertical direction. (Maintain the specified mounting space between Controllers when they are group mounted.) * To mount the E5AN so that it is waterproof, apply the waterproof packing to the E5AN. * When two or more E5ANs are mounted, make sure that the surrounding temperature does not exceed the allowable operating temperature specified in the specifications.
Digital Temperature Controllers
E5AN
I-17
Temperature Controller
120 min.
Current Transformer (Sold Separately) E54-CT1 E54-CT3
Terminal Cover E53-COV11
2.36 dia. 5.8 dia. 12 dia.
13
6.5 dia.
40 x 40
92.3
Two, 3.5 dia.
Two, M3 (depth: 4)
10.5 8
6.5
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
I-18
Digital Temperature Controllers E5AN


▲Up To Search▲   

 
Price & Availability of E5AN-R3MTC-500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X