Part Number Hot Search : 
01901 3EMC111 DL6709 AP161502 MA4ST408 IRF7309 DDTA114 MC33502
Product Description
Full Text Search
 

To Download E13003TO-126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSISTOR E13003
SWITCHING REGULATOR APPLICATION
* High speed switching * Suitable for switching regulator and motor control * Case : TO-126 molded plastic body
TO-126
DIM A B C D F G H J K M Q R S U V INCHES MIN MAX 0.425 0.435 0.295 0.305 0.095 0.105 0.020 0.026 0.115 0.130 0.094 BSC 0.050 0.095 0.015 0.025 0.575 0.655 5 TYP 0.148 0.158 0.045 0.065 0.025 0.035 0.145 0.155 0.040 MILLIMETERS MIN MAX 10.80 11.04 7.50 7.74 2.42 2.66 0.51 0.66 2.93 3.30 2.39 BSC 1.27 2.41 0.39 0.63 14.61 16.63 5 TYP 3.76 4.01 1.15 1.65 0.64 0.88 3.69 3.93 1.02
B U Q
F A M
C
123
H
K
V G S D
2 PL
J R 0.25 (0.010)
M M
NPN SILICON TRANSISTOR FEATURES
Tc=25 C unless otherwise specified
o
A B
M
B
M
0.25 (0.010)
A
M
M
Parameter
Collector dissipation Collector current (DC) Collector current (Pulse) Operating and storage junction temperature range
Symbol
PC IC ICP TJ, TSTG
o o
Value
20 1.5 3 -55 C to +150 C
o
UNIT
W A A
o
C
ELECTRICAL CHARACTERISTICS
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage Transition frequency Fall time Storage time
Tc=25 C unless otherwise specified
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) hFE(2) VCEsat VBEsat VBE fT tf ts
Test conditions
IC=1mA , IE=0 IC=10mA , IB=0 IE=1mA , IC=0 VCB=700V , IE=0 VCE=400V , IB=0 VEB=9V , IC=0 VCE=2V , IC=0.5mA VCE=10V , IC=0.5mA IC=1A , IB=250mA IC=1A , IB=250mA IE=2A VCE=10V , IC=100mA f=1MHz IC=1A , IB1=-IB2=0.2mA , VCC=100V
MIN
700 400 9
MAX
UNIT
V V V
1 500 1 8 5 1 1.2 3 5 0.5 2.5 40
mA
i A
mA
V V V MHz
i S i S
RATINGS AND CHARACTERISTIC CURVES E13003


▲Up To Search▲   

 
Price & Availability of E13003TO-126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X