Part Number Hot Search : 
HN3C11F P6KE6 BA130 ANTX1 7829H MK53732A TC4211 TC4572BP
Product Description
Full Text Search
 

To Download DX0907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced
F EAT U RES 1 00 - 400 MHz 18 dB Gain 0.5 dB Flatness Input Can Be Terminated Limiter for Amplifier Protection 24 Pin Surface Mount Package
Release
MODEL NO. DX09 07
Attenuator and Power Amplifier
MFD
PART IDENTIFICATION 1.560 1.36 .100 TYP .040 TYP
24 13
GND 24 23
22
21
20
19
18
17
16
GND 15
D1 14
D2 13
.20 .015 (FLANGE)
THRU ISO
DRIVER LOGIC THRU 40 dB 20 dB 20 dB SWITCH SP4T 40 dB SWITCH SP4T LIMITER AMP
.375 TYP .60 TYP
1 12
.77
50
50
.100 TYP 1.100 CONTRASTING COLOR BEAD
.053 R TYP .015 .002 TYP .010 .002 TYP (LEAD)
1 2 3 4 5 6 7 8 9 10 11 12 RF GND GND GND +10V -12V +5V GND GND GND GND RF INPUT OUTPUT
.xx = .02 .xxx = .010
G U ARAN T EE D PE RF O RM AN CE
Parameter
Operating Frequency DC Current
Min Typ Max Units
100 100 50 50 TTL
High Low
Conditions
At +10 VDC Supply At +5 VDC Supply At -12 VDC Supply 2 Line VIH = +2.7V VIL = +0.5V
400
MHz mA mA mA A A dB dB dB dB dB dB dB
Control Type Control Current Insertion Gain
40 40 18 0.5 4.5 40 20 0 1.0 2.5/1 50 200 40
Insertion Flatness Noise Figure
Isolation Attenuation
When Input Terminated 20, 40 Non-Additive
LSB Range Accuracy
VSWR Impedance Switching Speed RF Power
Operate
-10 -55 +25 +20 +85
No Damage
Operating Temperature
OHMS nSec 50% TTL to 90% / 10% RF dBm 1.0 dB Compression dBm C TA
DA I C O I n d u s t r i e s
Rev. N/D / Iss. 1


▲Up To Search▲   

 
Price & Availability of DX0907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X