Part Number Hot Search : 
203415B MZT3011 FCT24 LT350 04001 BFR30TRL GL6840A 74AUP
Product Description
Full Text Search
 

To Download DTD143TK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTD143TK
Transistors
Digital transistors (built-in resistor)
DTD143TK
Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on / off conditions need to be set for operation, making device design easy. External dimensions (Unit : mm)
2.90.2 1.90.2 0.95 0.95 (1) (2) 1.1+0.2 -0.1 0.80.1
1.6 +0.2 -0.1
(3) 0.4 +0.1 -0.05 +0.1 0.15 -0.06
2.80.2
0 to 0.1
All terminals have same dimensions
0.3 to 0.6
ROHM : SMT3 EIAJ : SC-59
Abbreviated symbol: F03
(1) Emitter (2) Base (3) Collector
Structure NPN digital transistor (Built-in resistor type)
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 50 40 5 500 200 150 -55 to +150 Unit V V V mA mW C C
Equivalent circuit
C B R1 E
B : Base C : Collector E : Emitter
Rev.A
1/2
DTD143TK
Transistors
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Symbol Min. BVCBO 50 40 5 - - - 100 3.29 - Typ. - - - - - - 250 4.7 200 Max. - - - 0.5 0.5 0.3 600 6.11 - Unit V V V A A V - k MHz IC=50A IC=1mA IE=50A VCB=50V VEB=4V IC/IB=50mA/2.5mA VCE=5V, IC=50mA - VCE=10V, IE= -50mA, f=100MHz Conditions
Collector-emitter breakdown voltage BVCEO Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Input resistance Transition frequency Transition frequency of the device BVEBO ICBO IEBO VCE(sat) hFE R1 fT
Packaging specifications
Package Packaging type Code
Part No. DTD143TK SMT3 Taping T146 3000
Basic ordering unit (pieces)
Electrical characteristic curves
COLLECTOR SATURATION VOLTAGE : VCE(sat)(V)
1k 500
VCE=5V
1 500m 200m 100m 50m 20m 10m 5m 2m 1m 500 1m
lC/lB=20
DC CURRENT GAIN : hFE
200 100 50 20 10 5 2 1 500
1m 2m 5m 10m 20m 50m100m 200m 500m
Ta=100 C 25 C -40 C
Ta=100 C 25 C -40 C
2m
5m 10m 20m 50m 100m 200m 500m
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain vs. collector current
Fig.2 Collector-emitter saturation voltage vs. collector current
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DTD143TK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X