Part Number Hot Search : 
C3406 REF02EH UZ790HR2 325025 ON2782 40N10 NJM2172 TLP260J
Product Description
Full Text Search
 

To Download DTD114TL-AL3-6-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD DTC114T
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input.
NPN SILICON TRANSISTOR
EQUIVALENT CIRCUIT
*Pb-free plating product number:DTC114TL
ORDERING INFORMATION
Order Number Normal Lead Free Plating DTC114T-AE3-6-R DTC114TL-AE3-6-R DTD114T-AL3-6-R DTD114TL-AL3-6-R DTC114T-AN3-6-R DTC114TL-AN3-6-R Package SOT-23 SOT-323 SOT-523 Pin Assignment 1 2 3 E B C E B C E B C Packing Tape Reel Tape Reel Tape Reel
MARKING
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 3
QW-R206-054,B
DTC114T
ABSOLUTE MAXIMUM RATINGS (Ta=25)
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current SYMBOL VCBO VCEO VEBO IC
NPN SILICON TRANSISTOR
RATINGS UNIT 50 V 50 V 5 V 100 mA SOT-23/SOT-323 200 mW Collector Power Dissipation PC SOT-523 150 mW Junction Temperature TJ 150 Storage Temperature TSTG -55 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Input Resistance Current Gain Bandwidth Product SYMBOL BVCBO BVCEO BVEBO VCE(SAT) ICBO IEBO hFE RIN fT TEST CONDITIONS IC=50A IC=1mA IE=50A IC=10mA, IB=1mA VCB=50V VEB=4V VCE=5V, IC=1mA VCE=10V, IE=-5mA, f=100MHz MIN 50 50 5 TYP MAX UNIT V V V V A A k MHz
100 7
300 10 250
0.3 0.5 0.5 600 13
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R206-054,B
DTC114T
TYPICAL CHARACTERISTICS
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R206-054,B


▲Up To Search▲   

 
Price & Availability of DTD114TL-AL3-6-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X