Part Number Hot Search : 
C1000 P6SMB2 21282 A1601 MBR15 C1000 092316 BAT254
Product Description
Full Text Search
 

To Download DTC363EU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC363EU / DTC363EK / DTC363ES
Transistors
Digital transistors (built-in resistors)
DTC363EU / DTC363EK / DTC363ES
Features In addition to the features of regular digital transistors, 1) Low VO (on) makes these transistors optimal for muting circuits. VO (on) =40mV (typ.) (IO / Il =50mA / 2.5mA) 2) They can be used at high current (IC=600mA). External dimensions (Unit : mm)
DTC363EU
2.0 + 0.2 - 1.3 + 0.1 - 0.65 0.65 (1) (2) 0.2
0.9 + 0.1 -
+ 0.7- 0.1
1.25+0.1 -
2.1+ 0.1 -
0 to 0.1
(3)
0.3 +0.1 -0
0.15 + 0.05 -
0.1 to 0.4
ROHM : UMT3 EIAJ : SC-70
All terminals have same dimensions
Structure NPN digital transistor (Built-in resistor type)
Addreviated symbol : H27
(1) GND (2) IN (3) OUT
DTC363EK
2.9 + 0.2 - 1.9 + 0.2 - 0.95 0.95
1.1+0.2 -0.1 0.8+0.1 -
Equivalent circuit
(1)
(2)
R1 IN R2
OUT
(3) 0.4 +0.1 -0.05
All terminals have same dimensions
1.6+0.2 -0.1
2.8 +0.2 -
0 to 0.1
+0.1 0.15 -0.06
0.3 to 0.6
GND
ROHM : SMT3 EIAJ : SC-59
(1) GND (2) IN (3) OUT
Addreviated symbol : H27
IN GND OUT
DTC363ES
3+0.2 -
+ 4-0.2
2+0.2 -
(15Min.)
0.45 +0.15 -0.05
3Min.
5
2.5+0.4 -0.1
0.5
0.45 +0.15 -0.05
ROHM : SPT EIAJ : SC-72
(1) (2) (3)
(1) GND (2) OUT (3) IN
Rev.A
1/3
DTC363EU / DTC363EK / DTC363ES
Transistors
Absolute maximum ratings (Ta=25C)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Symbol VCC VIN IC Pd Tj Tstg 200 150 -55 to +150 Limits(DTC363E ) U K 20 -10 to +10 600 300 S Unit V V mA mW C C
Electrical characteristics (Ta=25C)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Output "ON" resistance Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Ron Min. - 2 - - - 70 4.76 0.8 - - Typ. - - 40 - - - 6.8 1 200 1.0 Max. 0.5 - 80 1.3 0.5 - 8.84 1.2 - - Unit V mV mA A - k - MHz Conditions VCC=5V, IO=100A VO=0.3V, IO=10mA IO/II=50mA/2.5mA VI=5V VCC=15V, VI=0V VO=5V, IO=50mA - - VCE=10V, IE= -50mA, f=100MHz VI=7V, RL=1k, f=1kHz
Transition frequency of the device
Packaging specifications
Package Packaging type Part No. Code Basic ordering unit (pieces) DTC363EU DTC363EK DTC363ES - - - UMT3 Taping T106 3000 SMT3 Taping T146 3000 - SPT Taping TP 5000
IN
RL
OUT
vi
Vi
v0
GND
-
Fig.1 Input "ON" resistance (Ron) measurement circuit
Ron measurement circuit
+
-
Ron = Vi-V0
V0
RL
Rev.A
2/3
DTC363EU / DTC363EK / DTC363ES
Transistors
Electrical characteristic curves
100 50
INPUT VOLTAGE : VI (on) (V)
VO=0.3V
OUTPUT CURRENT : Io(A)
10m 5m 2m 1m 500 200 100 50 20 10 5 2 1
Ta=100 C 25 C -40 C
VCC=5V
1k 500
DC CURRENT GAIN : GI
VO=5V
Ta=100 C 25 C -40 C
20 10 5 2 1 500m 200m 100m 1m 2m 5m 10m 20m 50m 100m 200m 500m Ta= -40 C 25 C 100 C
200 100 50 20 10 5 2
0
0.5
1.0
1.5
2.0
2.5
3.0
1
1m
2m
5m 10m 20m
50m 100m 200m 500m
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
OUTPUT CURRENT : IO(A)
Fig.2 Input voltage vs. output current (ON characteristics)
Fig.3 Output current vs. input voltage (OFF characteristics)
Fig.4 DC current gain vs. output current
1 500m
OUTPUT VOLTAGE : VO (on) (V)
lO/lI=20
ON RESISTANCE : Ron ()
100 50 20 10 5 2 1 500m 200m
200m 100m 50m 20m 10m 5m 2m 1m 1m 2m 5m 10m 20m 50m 100m 200m 500m
Ta =25 C f =1kHz RL =1k GI =170(5V/50mA)
Ta=100 C 25 C -40 C
100m 100m 200m 500m
1
2
5
10 20
50 100
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI (V)
Fig.5 Output voltage vs. output current
Fig.6 "ON" resistance vs. input voltage
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DTC363EU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X