Part Number Hot Search : 
70506 X84C3 1N5392 SI3586 UM232E CR2032 A2210 KSC3953
Product Description
Full Text Search
 

To Download DTC144WN3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
PNP Digital Transistors (Built-in Resistors)
Spec. No. : C276N3 Issued Date : 2003.08.18 Revised Date :2004.10.15 Page No. : 1/4
DTA144WN3/S
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTC144WN3/S * Pb-free package is available
Equivalent Circuit
DTA144WN3/S
Outline
SOT-23
R1=47k , R2=22 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature
DTA144WN3/S
Symbol VCC VI IO IO(max.) Pd Tj Tstg
Limits -50 -40~+10 -30 -100 200 150 -55~+150
Unit V V mA mA mW C C
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. -4 56 32.9 0.37 Typ. -0.1 47 0.47 250 Max. -0.8 -0.3 -0.16 -0.5 61.1 0.57 Unit V V V mA A k MHz
Spec. No. : C276N3 Issued Date : 2003.08.18 Revised Date :2004.10.15 Page No. : 2/4
Test Conditions VCC=-5V, IO=-100A VO=-0.3V, IO=-2mA IO=-10mA, II=-0.5mA VI=-5V VCC=-50V, VI=0V VO=-5V, IO=-5mA VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device
Ordering Information
Device DTA144WN3 DTA144WN3S Package SOT-23 SOT-23 (Pb-free) Shipping 3000 pcs / tape & reel 3000 pcs / tape & reel Marking 6P 6P
DTA144WN3/S
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Output Current
1000
VO = 5V
Spec. No. : C276N3 Issued Date : 2003.08.18 Revised Date :2004.10.15 Page No. : 3/4
Output Voltage vs Output Current
10000 Output Voltage---VO(mV)
Current Gain---G I
100
1000
10
100
1 0.1 1 10 100 Output Current---IO(mA)
10 1 10 Output Current---IO(mA) 100
Input Voltage vs Output Current(ON characteristics)
10 Input Voltage---V I(ON)(V)
VO = 0.3V
10
Output Current vs Input Voltage(OFF characteristics)
VCC = 5V
Output Current---I O(mA)
1
0.1
1 0.1 1 Output Current---IO(mA) 10
0.01 0 1 2 3 4 5
Input Voltage---VI(OFF)(V)
Power Derating Curve
250 Power Dissipation---PD(mW) 200 150 100 50 0 0 50 100 150 Ambient Temperature---TA() 200
DTA144WN3/S
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C276N3 Issued Date : 2003.08.18 Revised Date :2004.10.15 Page No. : 4/4
A L 3 B 1 2 S
Marking:
6P
V
G
C D K
3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style : Pin 1.Base 2.Emitter 3.Collector
J
H
*:Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTA144WN3/S
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC144WN3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X