Part Number Hot Search : 
UMF22N MSU001T T3500 2769B IC16F SLE4501 24C164 SMS2P3
Product Description
Full Text Search
 

To Download DTC143ZCA-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23
DTC143ZCA
FEATURES Power dissipation PD:200 Collector current IC:100 mW(Tamb=25)
Plastic-Encapsulate Transistors
SOT-23
DIGITAL TRANSISTOR(NPN)
mA
ABSOLUTE MAXIMUM RATINGSO ( perating temperature range applies unless otherwise specified) Parameter Input Voltage Junction Temperature Range Storage Temperature Range Symbol Vi Tj TSTG Value -5~+30 150 -55-+150 Unit V
ELECTRICAL CHARACTERISTICS(Tamb=25
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) Ii I0(off) Gi R1 R2/R1 fT
unless
Test
otherwise
specified)
MIN Unit MAX 1.3 0.5 0.3 1.8 0.5 80 3.29 8 4.7 10 250 6.11 12 MHZ K UNIT V V V mA mA
conditions
VCC=5V,IO=100uA VCC=0.3V,IO=5mA IO=5mA,Ii=0.25mA Vi=5V VCC=50V,Vi=0 VO=5V,IO=10mA
VCE=10V,IC=5mA,F=100MHZ


▲Up To Search▲   

 
Price & Availability of DTC143ZCA-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X