Part Number Hot Search : 
10129126 MB90342S M30623E8 OT160D SP600 AO4603 15CGNPBF T9015
Product Description
Full Text Search
 

To Download DTC123YS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
PNP Digital Transistors (Built-in Resistors)
Spec. No. : C262S3 Issued Date : 2004.03.03 Revised Date : Page No. : 1/4
DTA123YS3
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTC123YS3
Equivalent Circuit
DTA123YS3
Outline
SOT-323
R1=2.2k , R2=10 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature Symbol VCC VIN IO IO(Max) Pd Tj Tstg Limits -50 -12~+5 -100 -100 200 150 -55~+150 Unit V V mA mA mW C C
DTA123YS3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. -3 33 1.54 3.6 Typ. -0.1 2.2 4.5 250 Max. -0.3 -0.3 -3.8 -0.5 2.86 5.5 Unit V V V mA A k MHz
Spec. No. : C262S3 Issued Date : 2004.03.03 Revised Date : Page No. : 2/4
Test Conditions VCC=-5V, IO=-100A VO=-0.3V, IO=-20mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V, VI=0V VO=-5V, IO=-10mA VCE=-10V, IC=-5mA, f=100MHz*
* Transition frequency of the device
DTA123YS3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
DC Current Gain vs Output Current
1000 Output Voltage---Vo(on)(mV)
Vo=5V
Spec. No. : C262S3 Issued Date : 2004.03.03 Revised Date : Page No. : 3/4
Output Voltage vs Output Current
1000
Io / Ii = 20
Current Gain---HFE
100
100
10
1 0.1 1 10 100 Output Current---Io(mA) Input Voltage vs Output Current (ON Characteristics) 10
Vo=0.3V
10 1 10 Output Current ---Io(mA) Output Current vs Input Voltage (OFF Characteristics) 10
Vcc=5V
100
Input Voltage --- Vi(on)(V)
Output Current --- Io(mA) 0.1 1 10 100
1
1
0.1
0.1 Output Current --- Io(mA) Power Derating Curve 250 Power Dissipation---PD(mW) 200 150 100 50 0 0 50 100 150 200 Ambient Temperature --- TA( )
0.01 0 0.5 1 1.5 Input Voltage --- Vi(off)(V) 2
DTA123YS3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
Spec. No. : C262S3 Issued Date : 2004.03.03 Revised Date : Page No. : 4/4
3
A
Marking:
A1 Q Lp
detail Z W B
C
1 e1 e D bp
2
TE 6Y
E
A
Z
He
0 1 scale 2 mm
3-Lead SOT-323 Plastic Surface Mounted Package CYStek Package Code: S3
v A
Style: Pin 1.Base 2.Emitter 3.Collector
*: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
Inches DIM Min. Max. e1 0.0256 He 0.0787 0.0886 Lp 0.0059 0.0177 Q 0.0051 0.0091 v 0.0079 w 0.0079
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTA123YS3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC123YS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X