Part Number Hot Search : 
F538L NIPPON 0165R ACT138 0165R 2SC1030 ACT138 F3205
Product Description
Full Text Search
 

To Download DTC123TN3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
PNP Digital Transistors (Built-in Resistors)
Spec. No. : C264N3 Issued Date : 2003.09.18 Revised Date : Page No. : 1/3
DTA123TN3
Features
*Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. *Only the on/off conditions need to be set for operation, making device design easy. *Complements the DTC123TN3
Equivalent Circuit
DTA123TN3
Outline
SOT-23
R1 = 2.2k B : Base C : Collector E : Emitter
Absolute Maximum Ratings (Ta=25)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Limits -50 -50 -5 -100 200 625 150 -55~+150 Unit V V V mA mW
RJA
Tj Tstg
C/W
C C
DTA123TN3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current Emitter-Base Cutoff Current Collector-Emitter Saturation Voltage DC Current Gain Input Resistance Transition Frequency Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R fT
Spec. No. : C264N3 Issued Date : 2003.09.18 Revised Date : Page No. : 2/3
Min. Typ. Max. Unit Test Conditions -50 V IC=-50A -50 -5 100 1.54 0.1 2.2 250 -0.5 -0.5 -0.3 V V A A V IC=-1mA IE=-50A VCB=-50V VEB=-4V IC=-5mA, IB=-0.25mA
600 VCE=-5V, IC=-1mA 2.86 k MHz VCE=-10V, IC=-5mA, f=100MHz*
* Transition frequency of the device
DTA123TN3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C264N3 Issued Date : 2003.09.18 Revised Date : Page No. : 3/3
A L 3 B 1 2 S
Marking:
6Q
V
G 3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style : Pin 1.Base 2.Emitter 3.Collector J
C D K
H
*:Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTA123TN3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC123TN3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X