Part Number Hot Search : 
STD5KA75 C101M PEB3065 700C16 ADM232AA LM324DR FMB075 76613
Product Description
Full Text Search
 

To Download DTC114WS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Digital Transistors (Built-in Resistors)
Spec. No. : C354S3 Issued Date : 2002.06.01 Revised Date : 2002.11.04 Page No. : 1/4
DTC114WS3
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTA114WS3
Equivalent Circuit
DTC114WS3 SOT-323
R1=10k , R2=4.7 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature Symbol Vcc Vin Io Io(max.) Pd Tj Tstg Limits 50 -10~+30 100 100 200 150 -55~+150 Unit V V mA mA mW C C
DTC114WS3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol Vi(off) Vi(on) Vo(on) Ii Io(off) Gi R1 R2/R1 fT Min. 3 24 7 0.37 Typ. 0.1 0 10 0.47 250 Max. 0.8 0.3 0.88 0.5 13 0.57 Unit V V V mA uA k MHz
Spec. No. : C354S3 Issued Date : 2002.06.01 Revised Date : 2002.11.04 Page No. : 2/4
Test Conditions Vcc=5V, Io=100uA Vo=0.3V, Io=2mA Io/Ii=10mA/0.5mA Vi=5V Vcc=50V, Vi=0V Vo=5V, Io=10mA Vce=10V, Ie=5mA, f=100MHz*
* Transition frequency of the device
Characteristic Curves
DC Current Gain vs Output Current 1000
Output Voltage vs Output Current 1000 Output Voltage---Vo(on)(mV)
Current Gain---HFE
100
100
Vo=5V
Io/Ii=20
10 1 10 Output Current ---Io(mA) 100
10 1 10 Output Current ---Io(mA) 100
Input Voltage vs Output Current (ON Characteristics) 10 Input Voltage --- Vi(on)(V) Vo=0.3V
Output Current --- Io(mA)
Output Current vs Input Voltage (OFF Characteristics) 100 Vcc=5V 10
1
1 0.1 1 10 100 Output Current --- Io(mA)
DTC114WS3
0.1 0.1 1 Input Voltage --- Vi(off)(V)
CYStek Product Specification
10
CYStech Electronics Corp.
PD - Ta 250 Power Dissipation---PD(mW) 200 150 100 50 0 0 50 100 150 200 Ambient Temperature ---Ta( )
Spec. No. : C354S3 Issued Date : 2002.06.01 Revised Date : 2002.11.04 Page No. : 3/4
DTC114WS3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
Marking:
A
Spec. No. : C354S3 Issued Date : 2002.06.01 Revised Date : 2002.11.04 Page No. : 4/4
3 Q Lp
detail Z W B
A1 1 e1 e D E bp 2
C
TE 8W
A
Z
He
0 1 scale 2 mm
3-Lead SOT-323 Pastic Surface Mounted Package CYStek Package Code: S3
v A
Style: Pin 1.Base 2.Emitter 3.Collector
*: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
Inches DIM Min. Max. e1 0.0256 He 0.0787 0.0886 Lp 0.0059 0.0177 Q 0.0051 0.0091 v 0.0079 w 0.0079
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Dimension and tolerance based on our Spec. dated Feb. 27.002.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTC114WS3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC114WS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X