Part Number Hot Search : 
MZ4619 SIW3000 MAX5418 CD2003GP 4057S RL102F TOP200Y 100EL
Product Description
Full Text Search
 

To Download DTC114EB3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
NPN Digital Transistors (Built-in Resistors)
Spec. No. : C351B3 Issued Date : 2003.08.20 Revised Date : Page No. : 1/4
DTC114EB3
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTA114EB3
Equivalent Circuit
DTC114EB3
R1=10k , R2=10 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature Symbol VCC VI IO IO(max.) Pd Tj Tstg Limits 50 -10~+40 50 100 300 150 -55~+150 Unit V V mA mA mW C C
DTC114EB3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. 3 30 7 0.8 Typ. 10 1 250 Max. 0.5 0.3 0.88 0.5 13 1.2 Unit V V V mA A k MHz
Spec. No. : C351B3 Issued Date : 2003.08.20 Revised Date : Page No. : 2/4
Test Conditions VCC=5V, IO=100A VO=0.3V, IO=10mA IO/II=10mA/0.5mA VI=5V VCC=50V, VI=0V VO=5V, IO=5mA VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the device
DTC114EB3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Output Current
1000 Output Voltage---V O(on)(mV)
Vo=5V
Spec. No. : C351B3 Issued Date : 2003.08.20 Revised Date : Page No. : 3/4
Output Voltage vs Output Current
1000
Io / Ii=20
Current Gain---GI
100
100
10 1 10 Output Current ---Io(mA) 100
10 1 10 Output Current ---Io(mA) Output Current vs Input Voltage (OFF characteristics) 100 Output Current --- Io(mA)
Vo=0.3V Vcc=5V
100
Input Voltage vs Output Current (ON characteristics) 10 Input Voltage --- V I(on)(V)
10
1
1 0.1 1 10 Output Current --- Io(mA) 100
0.1 0.1 1 Input Voltage --- VI(off)(V) 10
Power Derating Curve
350 Power Dissipation---PD(mW) 300 250 200 150 100 50 0 0 50 100 150 Ambient Temperature---TA() 200
DTC114EB3
CYStek Product Specification
CYStech Electronics Corp.
TO-92SP Dimension
Spec. No. : C351B3 Issued Date : 2003.08.20 Revised Date : Page No. : 4/4
E 3 A 2 1 B C D
F
Marking :
N4401 DTC114E
G
3-Lead TO-92SP Plastic Package CYStek Package Code: B3 Style: Pin 1.GND 2.OUT 3.IN
*: Typical
DIM A B C D
Inches Min. 0.1450 0.1063 0.5000 Max. 0.1650 0.1300 *0.1000
Millimeters Min. Max. 3.70 4.20 2.70 3.30 12.7 *2.54
DIM E F G
Inches Min. 0.0160 0.0800 Max. 0.0240 *0.0150 0.1050
Millimeters Min. Max. 0.41 0.61 *0.38 2.03 2.67
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTC114EB3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC114EB3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X