Part Number Hot Search : 
106K0 5950BT3 337M0 AT89S2 74HC4351 SUP85N 9F200E0 2N5871
Product Description
Full Text Search
 

To Download DTC114EA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
PNP Digital Transistors (Built-in Resistors)
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 1/6
DTA114EA3
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTC114EA3
Equivalent Circuit
DTA114EA3
Outline
TO-92
R1=10k , R2=10 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
GOI
Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature Symbol VCC VIN IO IO(max) Pd Tj Tstg Limits -50 -40~+10 -50 -100 400 150 -55~+150 Unit V V mA mA mW C C
DTA114EA3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. -3 30 7 0.8 Typ. 10 1 250 Max. -0.5 -0.3 -0.88 -0.5 13 1.2 Unit V V V mA A k MHz
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 2/6
Test Conditions VCC=-5V, IO=-100A VO=-0.3V, Io=-10mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V, VI=0V VO=-5V, IO=-5mA VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device
DTA114EA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Output Current
1000 Vo = 5V Output Voltage---V O(ON)(V) Current Gain---G I 1 10 Io / Ii = 20
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 3/6
Output Voltage vs Output Current
100
0.1
10 0.1 1 10 Output Current---IO(mA) 100
0.01 1 10 Output Current---IO(mA) 100
Input Voltage vs Output Current(ON characteristics)
100 Vo = 0.3V Input Voltage---V I(ON)(V) Output Current---I (mA) O 10
Output Current vs Input Voltage(OFF characteristics)
10 VCC = 5 V 1
1
0.1
0.1 0.1 1 10 Output Current---IO(mA) 100
0.01 0 0.5 1 1.5 2 2.5 3 Input Voltage---VI(OFF)(V)
Power Derating Curve
450 400 Power Dissipation---PD(mW) 350 300 250 200 150 100 50 0 0 50 100 150 Ambient Temperature---TA() 200
DTA114EA3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
2
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 4/6
A B
1 2 3
Marking:
DTA114E
3
C
D
H I E F
G
1
Style : Pin 1.GND(Emitter) 2.OUT(Collector) 3.IN(Base) 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DTA114EA3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Taping Outline
H2A H2A A D2
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 5/6
H2
H2
H3
L
H4 H L1 H1 F1F2 D1
D
W1 W
T2 T T1
DIM A D D1 D2 F1,F2 F1,F2 H H1 H2 H2A H3 H4 L L1 P P1 P2 T T1 T2 W W1 -
P1
P
P2
Millimeters Min. 4.33 3.80 0.36 4.33 2.40 15.50 8.50 2.50 12.50 5.95 50.30 0.36 17.50 5.00 253 Max. 4.83 4.20 0.53 4.83 2.90 0.3 16.50 9.50 1 1 27 21 11 12.90 6.75 51.30 0.55 1.42 0.68 19.00 7.00 255
Item Component body height Tape Feed Diameter Lead Diameter Component Body Diameter Component Lead Pitch F1-F2 Height Of Seating Plane Feed Hole Location Front To Rear Deflection Deflection Left Or Right Component Height Feed Hole To Bottom Of Component Lead Length After Component Removal Lead Wire Enclosure Feed Hole Pitch Center Of Seating Plane Location 4 Feed Hole Pitch Over All Tape Thickness Total Taped Package Thickness Carrier Tape Thickness Tape Width Adhesive Tape Width 20 pcs Pitch
DTA114EA3
CYStek Product Specification
CYStech Electronics Corp.
Important Notice:
Spec. No. : C252A3 Issued Date : 2003.09.29 Revised Date : Page No. : 6/6
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTA114EA3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTC114EA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X