Part Number Hot Search : 
0505E SD550T LM431AC 0F0S5 74HC04D PCA10 APC18T04 VXZ22
Product Description
Full Text Search
 

To Download DTA144T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC DTA144T
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
FEATURES
PNP DIGITAL TRANSISTOR
*Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy.
2 1
3
EQUIVALENT CIRCUIT
B R1 C
MARKING
SOT-23
AE4T
E
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25)
PARAMETER
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector Power dissipation Junction temperature Storage temperature
SYMBOL
VCBO VCEO VEBO Ic Pc Tj Tstg
RATINGS
-50 -50 -5 -100 200 150 -55~+150
UNIT
V V V mA mW
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Input resistance Transition frequency * Transition frequency of the device
SYMBOL
BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT
TEST CONDITIONS
Ic=-50A Ic=-1mA IE=-50A VCB=-50V VEB=-4V Ic=-5mA, IB= -0.5mA VCE=-5V, Ic= -1mA VCE=-10V, IE=5mA, f=100MHz *
MIN
-50 -50 -5
TYP MAX UNIT
V V V A A V k MHz
100 32.9
250 47 250
-0.5 -0.5 -0.3 600 61.1
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R206-065,A
UTC DTA144T
Fig.1 DC current gain vs.collector current VCE=-5V
PNP DIGITAL TRANSISTOR
Fig.2 Collector-emitter saturation voltage vs. collector current Ic/IB =10 Ta=100 25 -40
ELECTRICAL CHARACTERISTIC CURVES
COLLECTOR SATURATION VOLTAGE, VCE(sat) (V)
1k 500
-1 -500m -200m -100m -50m -20m -10m -5m -2m -1m
DC CURRENT GAIN, hFE
200 100 50 20 10 5 2 1 -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m
Ta=100 25 -40
-10 -20
-50 -100 -200 -500 -1m -2m
-5m -10m
COLLECTOR CURRENT, Ic (A)
COLLECTOR CURRENT, Ic (A)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R206-065,A


▲Up To Search▲   

 
Price & Availability of DTA144T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X