Part Number Hot Search : 
1N914A MJD29 BYV95B D1510 5KE10CA 74ALVC16 AO741 RU3582R
Product Description
Full Text Search
 

To Download DTA123Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC DTA123Y
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
FEATURES
PNP DIGITAL TRANSISTOR
*Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy.
1
2
3
EQUIVALENT CIRCUIT
IN R1 OUT
MARKING
SOT-23
R2 GND (+) IN GND (+) OUT
AC3Y
1: GND 2: IN 3: OUT
ABSOLUTE MAXIMUM RATINGS (Ta=25)
PARAMETER
Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature
SYMBOL
VCC VIN IO IC(max) PD Tj Tstg
RATINGS
-50 -12 ~ +5 -100 -100 200 150 -55 ~ +150
UNIT
V V mA mW
ELECTRICAL CHARACTERISTICS (Ta=25)
PARAMETER
Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency *Transition frequency of the device
SYMBOL
VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT
TEST CONDITIONS
VcC= -5V, IO=-100A VO= -0.3V, IO= -20mA IO/II= -10mA / -0.5 mA VI= -5V VCC= -50V, VI=0V VO= -5V, IO= -10mA
MIN
-3
TYP
MAX UNIT
-0.3 -0.3 -3.8 -0.5 V V mA A k MHz
33 1.54 3.6
VCE= -10 V, IE= 5mA, f=100MHz*
2.2 4.5 250
2.86 5.5
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R206-070,A
UTC DTA123Y
Input voltage vs. output current (ON characteristics) Vo= -0.3V
PNP DIGITAL TRANSISTOR
Output current vs Input voltage (OFF characteristics) -10m -5m -2m -1m Output Current, Io (A)
-500 -200 -100 -50 -20 -10 -5 -2 -1m -10m -100m -1
ELECTRICAL CHARACTERISTIC CURVES
-100 -50 -20
Vcc= -5V
Input Voltage, VI(ON) (V)
-10 -5 -2 -1 -500m -200m -100m -100 Ta=-40 25 100
Ta=100 25 -40
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
Output Current, Io (A)
INPUT VOLTAGE, VI(off) (V)
DC current gain vs. output current
1K 500
Output voltage vs. output current
-1 -500m
Vo= -5V
Io/II=20
Output Voltage, VO(ON) (V)
200
-200m -100m -50m -20m -10m -5m -2m Ta=100 25 -40
DC Current Gain, GI
100 50 20 10 5 2 1 -100 -1m -10m -100m Ta=100 25 -40
-1m -100
-1m
-10m
-100m
Output Current, Io(A)
Output Current, Io (A)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R206-070,A


▲Up To Search▲   

 
Price & Availability of DTA123Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X