Part Number Hot Search : 
IRF9530 SCBA2 01919 SI9750 S3106 WP1004ID C1327 2885443
Product Description
Full Text Search
 

To Download DT35-2114T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telecommunication
DT35-2111T DT35-2112T DT35-2113T DT35-2114T
6
COMMON MODE CHOKE
Transformers
WHITE DOT ON PIN1 XXXX : DATE CODE
DT35-XXXXXX DELTAXXXX
1
2
A B
6 5 4
PRI
5
N1 (2)
N2
SEC
4
4
3
D F
5 4
1
3
PRI
EC
1 3
6
N1 (1)
N2
SEC
4
DIMENSIONS IN mm
A 10.5 MAX.
B 2.5 MIN.
C 8.5 MAX.
D 10.5 MAX.
E 5.0 0.3
F 2.5 0.3
G
ELECTRICAL CHARACTERISTICS
DT35-2111T T.R L (N1:N2): 1:1 2% @10KHz 0.1V PRI: 5mH PRI: 5mH L.K C D.C.R HI-POT SCHEMATIC 10% 20% 160mA DT35-2112T (N1:N2): 1:1 2% @10KHz 0.1V PRI: 5mH PRI: 5mH 10% 20% 160mA DT35-2113T (N1:N2): 1:1 2% @10KHz 0.1V PRI: 3.5mH PRI: 3.5mH 150uH 10% @100KHz 1V 50pF Max. @100KHz 1V N1: 13.7 N2: 16.5 1 15% 15% N1: 1.7 N2: 1.7 Max. Max. 2 10% 20% 160mA DT35-2114T (N1:N2): 1:1 1% @10KHz 0.1V PRI: 0.5mH 5% SEC: 0.5mH @10KHz 0.1V ---------------5%
@10KHz 0.1V ---------------50pF Max. @100KHz 1V N1: 18 N2: 18 15% 15% 1
@10KHz 0.1V 180uH 10% @100KHz 1V 50pF Max. @100KHz 1V N1: 16.5 N2: 20 15% 15% 1
@10KHz 0.1V
850 VAC 1 SEC
850 VAC 1 SEC
850 VAC 1 SEC
600 VAC 60 SEC
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 31-1, SHIEN PAN ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3626301 FAX: 886-3-3618901 http://www.deltaww.com
11


▲Up To Search▲   

 
Price & Availability of DT35-2114T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X