|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
F E AT U R E S 0.5 - 30 MHz High Intercept Points 0.6 dB Insertion Loss 6 mA, 15 VDC Reflective TTL Control MODEL NO. DSW26182 Ga As SP 2 T SP2T .10 .10 .25 .800 PART IDENTIFICATION J1 J1 1.300 1.00.03 1.50.03 J3 .15.05 J2 J3 +15V E1 GND -15V J2 .106 DIA THRU 4 PLACES .25 TYP 1.00.03 .025.002 DIA 4 PLACES CONNECTOR SMA FEMALE 3 PLACES .20 +15V .34 .06 .38 3 PLS E1 "1" GND -15V ISO (dB) GUARANTEED PERFORM A NCE T YP IC A L P E R F OR MA NCE at 25 C I.L. (dB) VSWR Parameter Operating Frequency DC Current Control Type Min Typ Max Units 0.5 6 5 TTL High Low Conditions At +15 VDC Supply At -15 VDC Supply 1 Line Logic "1"= J1 to J3 VIH = +2.7V VIL = +0.5V 2.0 1.25 100 30 30 30 MHz mA mA 1.8 1.0 80 ISO Control Current 1.6 0.75 60 1.4 0.5 40 I. LOSS 1.2 0.25 20 VSWR Insertion Loss Isolation 35 VSWR Thru Impedance Switching Speed Transition (Rise/Fall) Time Switching (Video) Transients Intercept Points 2nd +80 4 10 40 100 150 1.0 0 0 0.3 1 3rd +47 FREQUENCY (MHz) RF Power Operate No Damage 0 0 0.5 48 1.15/1 50 18 8 -90 +83 +57 +37 +25 0.7 1.5/1 100 -73 A A dB dB OHMS SEC SEC dBm dBm dBm dBm dBm C 50% TTL to 90% / 10% RF 10% / 90% or 90% / 10% RF In 3 KHz BW at 1KHz PRF Operating Temperature Logic Table "0" "1" J1 To J2 J1 To J3 0 +23 +32 +95 1.0 dB Compression TA DA I C O In d u s t r i e s Rev. N/D / Iss. 2 |
Price & Availability of DSW26182 |