Part Number Hot Search : 
63130 DTA143E MP3205 MAX6794 HMC939A MF2000 2SD2124 HE85750
Product Description
Full Text Search
 

To Download DSS4832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TransformingMagneticsTM
SwitchmodePower
Surface Mount Drum Core Power Inductors: DSS-4832 Series
Features
* Magnetically shielded, SMD power inductors * Small footprint with low-profile package * Inductance range: 1.2 uH to 1000 uH * Saturating current to 9.8ADC * DC Resistances as low as 0.007 Ohms * High energy storage capability * Flat top for pick and place operations * Tape and reel packaging for automatic handling
Applications
* DC/DC Converters, high efficiency shielded applications * Second stage filters
S
Environmental Specifications
F
* Operating temperature range: -40C to 85C * Storage temperature range: -50 to +125C
Packaging
* DSS-4832 is packaged 500 pieces per reel
Part Num ber DSS-4832-1R2R DSS-4832-2R4R DSS-4832-3R5R DSS-4832-4R7R DSS-4832-6R1R DSS-4832-7R6R DSS-4832-100R DSS-4832-120R DSS-4832-150R DSS-4832-180R DSS-4832-220R DSS-4832-270R DSS-4832-330R DSS-4832-390R DSS-4832-470R DSS-4832-560R I nductance uH + / - 20% 1. 20 2. 40 3. 50 4. 70 6. 10 7. 60 10. 00 12. 00 15. 00 18. 00 22. 00 27. 00 33. 00 39. 00 47. 00 56. 00 (Note 1) DCR (ohm s m ax) 0. 0070 0. 0115 0. 0135 0. 0158 0. 0176 0. 0200 0. 0216 0. 0243 0. 0270 0. 0392 0. 0432 0. 0459 0. 0648 0. 0729 0. 100 0. 110 (Note 2) I sat (Adc m ax) 9. 80 8. 00 7. 50 6. 80 6. 60 5. 90 5. 40 4. 90 4. 50 3. 90 3. 60 3. 40 3. 00 2. 75 2. 50 2. 35 Part Num ber DSS-4832-680R DSS-4832-820R DSS-4832-101R DSS-4832-121R DSS-4832-151R DSS-4832-181R DSS-4832-221R DSS-4832-271R DSS-4832-331R DDS-4832-391R DDS-4832-471R DDS-4832-561R DDS-4832-681R DDS-4832-821R DDS-4832-102R I nductance uH + / - 20% 68. 00 82. 00 100. 00 120. 00 150. 00 180. 00 220. 00 270. 00 330. 00 390. 00 470. 00 560. 00 680. 00 820. 00 1000. 00 (Note 1) DCR (ohm s m ax) 0. 140 0. 160 0. 220 0. 250 0. 280 0. 350 0. 390 0. 560 0. 640 0. 700 0. 980 1. 07 1. 46 1. 64 1. 82 (Note 2) I sat (Adc m ax) 2. 10 1. 95 1. 70 1. 60 1. 42 1. 30 1. 16 1. 06 0. 950 0. 880 0. 790 0. 930 0. 670 0. 600 0. 550
NOTES: 1 DCR limits at 20C 2 Saturating DC current for approximately 35% rolloff from initial inductance
07/16/04
Details subject to change. Contact your Midcom sales representative for additional information. Dimensions: in/mm. All tolerances are .010/0,25 and electrical specifications are @ 25C unless otherwise specified.
Midcom, Inc. USA 121 Airport Drive - PO Box 1330 Watertown, SD 57201 T: 605.886.4385 ~ F: 605.886.4486 www.midcom-inc.com ~ email:sales@midcom-inc.com
Midcom, Inc. China 10/F Spectrum Tower 53 Hung to Road Kwun Tong, Kowloon, HK T: 852.2320.4221 ~ F: 852.2352.3272 www.midcom.com.cn ~ email:sye@midcom-inc.com
1


▲Up To Search▲   

 
Price & Availability of DSS4832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X