Part Number Hot Search : 
2SK3561 EGA16 M62354P ASI10597 AR2502 1N3671A 2N002 STU12L01
Product Description
Full Text Search
 

To Download DSS2X111-008A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
DSS 2x111-008A IFAVM = 2x110 A VRRM = 80 V V F = 0.72 V
Power Schottky Rectifier
VRSM V 80
VRRM V 80
Type
miniBLOC, SOT-227 B
DSS 2x111-008A
Symbol IFRMS IFAVM IFAVM IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot VISOL Md Weight
Conditions TC = 105C; rectangular, d = 0.5 TC = 105C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = 14; L = 180 H; TVJ = 25C; non repetitive VA =1.5 * VRRM typ.; f=10 kHz; repetitive
Maximum Ratings 150 110 220 1400 19 1.4 tbd -40...+150 150 -40...+150 A A A A mJ A V/s C C C W V~ Nm/lb.in. Nm/lb.in. g
Features * International standard package miniBLOC * Isolation voltage 2500 V~ * UL registered E 72873 * 2 independent Schottky diodes in 1 package * Very low VF * Extremely low switching losses * Low IRM-values
TC = 25C IISOL 1 mA; 50/60 Hz; t = 1 min mounting torque (M4) terminal connection torque (M4) typical
310 2500 1.1-1.5/9-13 1.1-1.5/9-13 30
Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters
Symbol IR VF !
Conditions TVJ = 25C; VR = VRRM TVJ = 125C;VR = VRRM IF = 100 A; IF = 200 A; TVJ = 125C TVJ = 25C TVJ = 125C
Characteristic Values typ. max. 8 20 0.72 0.84 0.94 0.4 0.15 mA mA V V V K/W K/W
Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
Dimensions see pages D2 - 87-88
RthJC RthCH
Pulse test: ! Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, Conditions and dimensions.
127
(c) 2001 IXYS All rights reserved
1-1


▲Up To Search▲   

 
Price & Availability of DSS2X111-008A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X