Part Number Hot Search : 
ZMY62 TDA8775 ECG014B 00PS4 00PS4 YAAMUA EPS13D2 KL3N1
Product Description
Full Text Search
 

To Download DSR400AA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SanRex(R)
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60
IFAV=400A, VRRM=600V, trr=350ns
SanRex Soft Recovery Diode Module DSR400AA is designed for applications requiring fast switching and soft recovery wave shape to reduce or eliminate the need for snubber components in the circuit. It achieves very low thermal resistance by employing thermally conductive aluminum nitride isolation. Features
* Fast Reverse Recovery Time * Very Soft Recovery Characteristics * Low Forward Voltage Drop * Low Thermal Resistance
Typical Applications
* Welding and Plasma Cutting Machines * DC chopper * Rectifier in Switch Mode Power Supplies (SMPS) * Uninterruptible Power Supplies (UPS) * Free Wheeling Diode in converters and motor control circuits < Maximum Ratings > Symbol Item VRRM VR(DC) Symbol IF(AV) IFSM I 2t Tj Tstg V
ISO
A
K
Ratings
(Tj = 25 C unless otherwise specified) Unit 600 480 V V Unit A A A 2s C C V Nm (kgfcm) g
Repetitive Peak Reverse Voltage Reverse D.C. Voltage Item Average Forward Current Surge Forward Current I 2 t (for fusing) Junction Temperature Storage Temperature Isolation Voltage (R.M.S.) Mounting Mounting M6 Torque Terminal M6 Mass Conditions o = 98 C
D.C., T
C
Ratings 400 8000 266000 -40 to +150 -40 to +125 2500 4.7(48) 4.7(48) 170
1/2 cycle, 60Hz, Peak value, non-repetitive Value for one cycle surge current
A.C. 1 minute Recommended 2.5-3.9 (25-40) Recommended 2.5-3.9 (25-40) Typical Value
< Electrical Characteristics > Symbol Item IRRM VFM t
rr
Conditions VR = VRRM, Tj= 125C IF = 400A, Instant measurement IF = 400A, -di / dt = 400A/Fs Junction to case
Repetitive Peak Reverse Current Forward Voltage Drop Reverse Recovery Time Thermal Resistance
(Tj = 25 C unless otherwise specified) Ratings Unit Min. Typ. Max. 500 mA 1.20 1.30 350 0.1 V ns C/W
Rth(j-c)
_________________________________________________________________________________________________________
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of DSR400AA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X