Part Number Hot Search : 
MAX7572 OP900SL 9L28050 PJ14126 0A3TC91 C251C AD8210 SGM8554
Product Description
Full Text Search
 

To Download DSEP40-03AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
DSEP 40-03AS IFAV = 40 A VRRM = 300 V trr = 35 ns
HiPerFREDTM Epitaxial Diode
with soft recovery
VRSM V 300
VRRM V 300
Type
A
C
TO-263
A C (TAB) A
DSEP 40-03AS
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Weight
Conditions rect., d = 0.5; TC = 120C TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 9 A; L = 100 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 35 40 300 4 0.9 -40...+175 175 -40...+150 A A A mJ A C C C W g
Features International standard package * Planar passivated chips * Very short recovery time l Extremely low switching losses * Low IRM-values * Soft recovery behaviour * Epoxy meets UL 94V-0 Applications * Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders Advantages * Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
TC = 25C typical
175 2
Symbol IR
Conditions VR = VRRM; TVJ = 25C VR = VRRM; TVJ = 150C IF = 40 A; TVJ = 150C TVJ = 25C
Characteristic max. Values 1 100 1.11 1.42 0.85 A A V V K/W ns A
VF RthJC trr typ. IRM typ.
VR = 100 V; IF = 40 A; -diF/dt = 200 A/s; TVJ = 25C
35 3.5
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0% Pulse Width = 300 s, Duty Cycle < 2.0% Data according to IEC 60747 and per diode unless otherwise specified.
Dimensions see Outlines.pdf
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2005 IXYS All rights reserved
1-1
0528


▲Up To Search▲   

 
Price & Availability of DSEP40-03AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X