Part Number Hot Search : 
LT326 M54826 C143E M4T27 MC120 MCIMX LV010 ISL6124
Product Description
Full Text Search
 

To Download DSEP2X91-06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 2x 91-06A
HiPerFREDTM Epitaxial Diode
with soft recovery
IFAV = 2x 90 A VRRM = 600 V trr = 35 ns
miniBLOC, SOT-227 B
VRSM V 600
VRRM V 600
Type
DSEP 2x 91-06A
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot VISOL Md Weight
Conditions TC = 55C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 2 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 100 90 1000 0.4 0.2 -40...+150 150 -40...+150 A A A mJ A C C C W V~ Nm/lb.in. Nm/lb.in. g
q q
Features
q
q q q q q q
TC = 25C 50/60 Hz, RMS IISOL 1 mA mounting torque (M4) terminal connection torque (M4) typical
200 2500 1.1-1.5/9-13 1.1-1.5/9-13 30
q q
International standard package miniBLOC Isolation voltage 2500 V~ UL registered E 72873 2 independent FRED in 1 package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour
Applications
q
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 90 A; TVJ = 125C TVJ = 25C
Characteristic Values typ. max. 1 4 1.52 2.05 0.6 0.1 mA mA V V K/W K/W ns 10.2 A
q
q
q q q
VF y RthJC RthCH trr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
q
IF = 1 A; -di/dt = 400 A/ms; VR = 30 V; TVJ = 25C VR = 100 V; IF = 200 A; -diF/dt = 100 A/ms TVJ = 100C
35
q
q
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, test conditions and dimensions.
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Dimensions see outlines.pdf
914
(c) 2000 IXYS All rights reserved
1-2
DSEP 2x 91-06A
150 A 125 100 75 50 25 0 0 1 VF 2 V
TVJ=150C TVJ=100C TVJ= 25C
3.0 C 2.5 Qr 2.0 1.5 1.0 0.5
TVJ= 100C VR = 300V
60 A IRM 40
TVJ= 100C VR = 300V
IF
IF= 180A IF= 90A IF= 45A
IF= 180A IF= 90A IF= 45A
20
0.0 100
0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
150 ns 140
TVJ= 100C VR = 300V
Fig. 3 Peak reverse current IRM versus -diF/dt
20 V VFR 15
V FR
2.0
1.2 s tfr 0.9
1.5 Kf 1.0
I RM
trr 130 120 110
IF= 180A IF= 90A IF= 45A
tfr
10
0.6
0.5
Qr
5 100 90 0 40 80 120 C 160 TVJ 0 200 400 600 -diF/dt 800 A/ms 1000 0 0 200 400
TVJ= 100C IF = 90A
0.3
0.0
0.0 600 A/ms 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W 0.1 ZthJC 0.01
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 4 Rthi (K/W) 0.212 0.248 0.063 0.077 ti (s) 0.0055 0.0092 0.0007 0.0391
0.001
0.0001 0.00001
DSEP 2x91-06A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
914
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEP2X91-06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X