Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download DSEP2X60-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 2x 60-12A
HiPerFREDTM Epitaxial Diode
with soft recovery
IFAV = 2x 60 A VRRM = 1200 V trr = 40 ns
miniBLOC, SOT-227 B
VRSM V 1200
VRRM V 1200
Type
DSEP 2x 60-12A
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot VISOL Md Weight
Conditions TC = 80C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 16 A; L = 180 H VA = 1.25*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 100 60 800 28 1.6 -40...+150 150 -40...+150 A A A mJ A C C C W V~ Nm/lb.in. Nm/lb.in. g

Features

TC = 25C 50/60 Hz, RMS IISOL 1 mA mounting torque (M4) terminal connection torque (M4) typical
200 2500 1.1-1.5/9-13 1.1-1.5/9-13 30

International standard package miniBLOC Isolation voltage 2500 V~ UL registered E 72873 2 independent FRED in 1 package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour
Applications
Symbol IR
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 60 A; TVJ = 125C TVJ = 25C
Characteristic Values typ. max. 1 4 1.70 2.42 0.6 0.1 mA mA V V K/W K/W ns A

VF RthJC RthCH trr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
IF = 1 A; -di/dt = 400 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 200 A; -diF/dt = 100 A/s TVJ = 100C
40 8
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, test conditions and dimensions.
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Dimensions see Outlines.pdf
227
(c) 2002 IXYS All rights reserved
1-2
DSEP 2x 60-12A
100 A 80 IF 60
TVJ=150C TVJ=100C TVJ= 25C
15.0 C 12.5 Qr 10.0 7.5 5.0
TVJ= 100C VR = 600V
120 A IRM 80
TVJ= 100C VR = 600V
40
IF= 120A IF= 60A IF= 30A
IF= 120A IF= 60A IF= 30A
40
20
2.5 0.0 100 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt
0 0 1 2 VF V 3
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
300 ns
TVJ= 100C VR = 600V
Fig. 3 Peak reverse current IRM versus -diF/dt
60 V VFR 40
tfr
2.0
1.2 s tfr 0.8
1.5 Kf
trr
280
VFR
260 1.0
IRM IF= 120A IF= 60A IF= 30A
240
20
0.4
0.5
Qr
220
TVJ= 100C IF = 60A
0.0 0 40 80 120 C 160 TVJ
200 0 200 400 600 -diF/dt 800 A/s 1000
0 0 200 400
0.0 600 A/s 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W 0.1 ZthJC 0.01
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 4 Rthi (K/W) 0.212 0.248 0.063 0.077 ti (s) 0.0055 0.0092 0.0007 0.0391
0.001
0.0001 0.00001
DSEP 2x61-12A
0.0001
0.001
0.01
0.1
1 t
s
10
Fig. 7 Transient thermal resistance junction to case
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2002 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEP2X60-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X