Part Number Hot Search : 
MP8003A PE334 M3H76TAD NJU7009 12DB5 REEL1 SLA544TH AU6368
Product Description
Full Text Search
 

To Download DSEP29-06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 29-06A DSEP 29-06AS DSEP 29-06B
HiPerFREDTM Epitaxial Diode
with soft recovery
IFAV = 30 A VRRM = 600 V trr = 30/35 ns
A C
VRSM V 600 600 600
VRRM V 600 600 600
Type
TO-220 AC
C
DSEP 29-06A DSEP 29-06AS DSEP 29-06B
A
C (TAB)
TO-263
A A C (TAB)
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight
Conditions rect., d = 0.5; TC (Version A, AS)= 135C TC (Version B) = 125C
Maximum Ratings 35 30 30 250 200 0.2 0.1 -55...+175 175 -55...+150 A A A A A mJ A C C C W Nm g
Features International standard package * Planar passivated chips * Very short recovery time l Extremely low switching losses * Low IRM-values * Soft recovery behaviour * Epoxy meets UL 94V-0 Applications * Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders Advantages * Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
TVJ = 45C; tp = 10 ms (50 Hz), sine; (Version A, AS)
(Version B)
TVJ = 25C; non-repetitive IAS = 1.3 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
TC = 25C mounting torque (Version A, B) typical
165 0.4...0.6 2
Symbol IR
Conditions TVJ = 25C; VR = VRRM TVJ = 150C; VR = VRRM IF = 30 A; TVJ = 150C TVJ = 25C
Characteristic max. Values Version A Version B 250 1 1.26 1.61 0.9 0.5 35 6 250 2 1.58 2.52 0.9 0.5 30 4 A mA V V K/W K/W ns A
VF RthJC RthCH trr IRM typ. typ.
typ. IF = 1 A; -di/dt = 200 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/s; TVJ = 100C
Dimensions see Outlines.pdf
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2004 IXYS All rights reserved
1-3
417
DSEP 29-06A DSEP 29-06AS
70 A 60 IF 50 3000 50 A IRM 40
T = 100C nC VVJ = 300V R 2500
Qr 2000
TVJ= 100C VR = 300V
TVJ=150C
40
30 1500 1000 500 10
TVJ=100C
30 20 10 0 0.0
IF= 60A IF= 30A IF= 15A
IF= 60A IF= 30A IF= 15A
20
TVJ=25C
0.5 1.0 1.5 VF V2.0 0 100 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
130 ns 120
Fig. 3 Peak reverse current IRM versus -diF/dt
20 V VFR 15 1.2 s tfr
2.0
TVJ= 100C VR = 300V
1.5 Kf 1.0
trr 110 100
IF= 60A IF= 30A IF= 15A
10
tfr
VFR
0.9
0.6
IRM
90 0.5 5 0.3
Qr
80 70 0 0 200 400 600 -diF/dt 800 A/s 1000 0
TVJ= 100C IF = 30A
200 400 0.0 600 A/s 1000 800 diF/dt
0.0 0 40 80 120 C 160 TVJ
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.502 0.193 0.205 ti (s) 0.0052 0.0003 0.0162
0.1 ZthJC
0.01
0.001 0.00001
DSEP 29-06A
NOTE: Fig. 2 to Fig. 6 shows typical values
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
IXYS reserves the right to change limits, test conditions and dimensions.
417
(c) 2004 IXYS All rights reserved
2-3
DSEP 29-06B
100 A 80 IF 60 TVJ = 100C 40 TVJ = 150C Qr 200 150 100 20 TVJ = 25C 2 50 0 100 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt 350 nC 300 250 10 A IRM IF = 60 A IF = 30 A IF = 15 A 4 TVJ = 100C VR = 300 V 6 8 IF = 60 A IF = 30 A IF = 15 A
TVJ = 100C VR = 300 V
0 0 1 2 3 VF V 4
Fig. 1 Forward current IF versus VF
2.0
Fig. 2 Reverse recovery charge Qr versus -diF/dt
140 ns 120 TVJ = 100C VR = 300 V
Fig. 3 Peak reverse current IRM versus -diF/dt
60 V 50 VFR 40 30 20 TVJ = 100C IF = 30 A 0.30 s 0.25 tfr 0.20 0.15 0.10 0.05 0.00 600 A/s 1000 800 diF/dt
1.5 Kf 1.0
trr 100 IF = 60 A IF = 30 A 80 IRM IF = 15 A
0.5
60 10 Qr 40 0 80 120 C 160 TVJ 0 200 400 600 -diF/dt 800 A/s 1000 0
VFR
tfr
0.0 0 40
200
400
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation:
K/W
i 1 2 3
Rthi (K/W) 0.502 0.193 0.205
ti (s) 0.0052 0.0003 0.0162
0.1 ZthJC
0.01
0.001 0.00001
DSEP 30-06B
NOTE: Fig. 2 to Fig. 6 shows typical values
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
IXYS reserves the right to change limits, test conditions and dimensions.
417
(c) 2004 IXYS All rights reserved
3-3


▲Up To Search▲   

 
Price & Availability of DSEP29-06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X