Part Number Hot Search : 
RFU37 LUW56743 5B17AG 1PCT1 MJ11016G 002FT HE83146 MB3505
Product Description
Full Text Search
 

To Download DSA1-18D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS 1 DSA 1
Rectifier Diode Avalanche Diode
VRRM = 1200-1800 V IF(RMS) = 7 A IF(AV)M = 2.3 A
VRSM V 1300 1700 1900
V(BR)min x VRRM V 1300 1750 1950 V 1200 1600 1800
Standard Type DS 1-12D
Avalanche Types DSA 1-12D DSA 1-16D DSA 1-18D
A
C A C A = Anode C = Cathode
x Only for Avalanche Diodes
Symbol IFRMS IF(AV)M PRSM IFSM
Test Conditions TVJ = TVJM Tamb = 45C; RthJA = 38 K/W; 180 sine Tamb = 45C; RthJA = 80 K/W; 180 sine DSA types, TVJ = TVJM, tp = 10 s TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 7 2.3 1.3 1.6 110 118 100 104 60 58 50 45 -40...+150 150 -40...+150 0.8 A A A kW A A A A As A2s A2s A2s C C C g
2
Features Plastic standard package Planar glassivated chips
q q
Applications Low power rectifiers Field supply for DC motors Power supplies High voltage rectifiers
q q q q
q
It
2
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
q q
q
Advantages Space and weight savings Simple PCB mounting Improved temperature and power cycling Reduced protection circuits
TVJ TVJM Tstg Weight
Dimensions in mm (1 mm = 0.0394")
Symbol IR VF VT0 rT RthJA dS dA a
Test Conditions TVJ = TVJM; VR = VRRM IF = 7 A; TVJ = 25C
Characteristic Values 0.7 1.3 0.8 67 38 80 8.5 6.7 100 mA V V mW K/W K/W mm mm m/s2
For power-loss calculations only TVJ = TVJM Forced air cooling with 1.5 m/s, Tamb = 45C Soldered on to PC board, Tamb= 45C Creepage distance on surface Strike distance through air Max. allowable acceleration
Data according to IEC 60747 IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-1


▲Up To Search▲   

 
Price & Availability of DSA1-18D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X