Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download DS86C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Surface Mounting
DS84LC / DS85LC / DS86C
Inductance Range: 1.0~10H(DS84LC), 1.182H(DS85LC), 1.3220H(DS86C)
DIMENSIONS
Recommended patterns
8.4 Max. 8.3 Max.
2.0
3.0
3.5 (Unit:mm) 8.7
(Unit: mm)
(Unit: mm)
Note (*) DS84LC; 4.0mm Max. height DS85LC; 5.0mm Max. height DS86C; 6.8mm Max. height
FEATURES
* 8.4x8.3mm Max. square, 4.0, 5.0, and 6.8mm Max. height). * Magnetically shielded construction and low DC resistance. * Suitable for large currents. * RoHS compliant.
* * * *
x
MEASUREMENT CONDITION
(1)Inductance is measured with a LCR meter 4284A* or equvalent. Test frequency at 100kHz (2)DC Resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3)Maximum allowable DC current is that which causes a 10% inductance reduction from the initial value, coil temperature to rise by 40, whichever is smaller. ( Reference ambient temperature 20) * Agilent Technologies
SELECTION GUIDE FOR STANDARD COILS
TYPE DS84LC (Quantity/reel; 500 PCS)
TOKO Part Number B1015AS-1R0N B1015AS-1R5N B1015AS-2R2N B1015AS-3R0N B1015AS-3R9N B1015AS-4R7N B1015AS-5R6N B1015AS-6R8N B1015AS-8R2N B1015AS-100M Inductance (1) (H) 1.0 1.5 2.2 3.0 3.9 4.7 5.6 6.8 8.2 10.0 Tolerance (%) 30 30 30 30 30 30 30 30 30 20 DC Resistance (2) (m) Max. 11 14 18 24 33 38 41 51 62 71 Inductance Decrease Current(3) (A) Max. L L =10% 8.0 6.6 5.5 4.8 4.2 3.8 3.5 3.2 2.9 2.7 Temperature Rise Current(3) T=40C (A) Max. 6.9 6.2 5.1 4.3 3.6 3.3 3.1 2.7 2.5 2.2
3.6
4.1
2.0
Fixed Inductors for Surface Mounting
DS85LC / DS86C
DS85LC : 8.4x8.3mm Max. square, 5.0mm height, Inductance range: 1.1~82H DS86C : 8.4x8.3mm Max. square, 6.8mm height, Inductance range: 1.3~220H
SELECTION GUIDE FOR STANDARD COILS
TYPE DS85LC (Quantity/reel; 500 PCS)
TOKO Part Number B1000AS-1R1N B1000AS-1R6N B1000AS-2R2N B1000AS-3R0N B1000AS-3R9N B1000AS-4R7N B1000AS-5R6N B1000AS-6R8N B1000AS-8R2N B1000AS-100M B1000AS-120M B1000AS-150M B1000AS-180M B1000AS-220M B1000AS-270M B1000AS-330M B1000AS-390M B1000AS-470M B1000AS-560M B1000AS-680M B1000AS-820M Inductance (1) (H) 1.1 1.6 2.2 3.0 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 Tolerance (%) 30 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 DC Resistance (2) (m) Max. 12 15 16 18 21 22 29 38 41 51 60 77 100 115 130 145 160 170 195 235 325 Inductance Decrease Current(3) (A) Max. L L =10% 8.0 6.6 5.5 4.8 4.3 3.8 3.5 3.1 2.7 2.5 2.3 2.1 1.9 1.7 1.6 1.4 1.3 1.2 1.1 0.96 0.87 Temperature Rise Current(3) T=40C (A) Max. 6.5 5.9 5.6 5.1 4.8 4.6 3.9 3.4 3.2 2.9 2.6 2.2 1.9 1.8 1.7 1.6 1.5 1.4 1.4 1.2 1.0
TYPE DS86C (Quantity/reel; 500 PCS)
TOKO Part Number B992AS-1R3N B992AS-2R0N B992AS-2R7N B992AS-3R3N B992AS-4R3N B992AS-5R6N B992AS-6R8N B992AS-8R2N B992AS-100M B992AS-150M B992AS-220M B992AS-330M B992AS-470M B992AS-680M B992AS-101M B992AS-151M B992AS-221M Inductance (1) (H) 1.3 2.0 2.7 3.3 4.3 5.6 6.8 8.2 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 Tolerance (%) 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 DC Resistance (2) (m) Max. 14 15 17 21 22 26 28 30 36 41 74 120 150 210 310 400 560 Inductance Decrease Current(3) (A) Max. L L =10% 8.3 6.8 5.9 5.2 4.6 4.1 3.8 3.4 2.9 2.6 2.0 1.6 1.4 1.1 0.98 0.75 0.65 Temperature Rise Current(3) T=40C (A) Max. 6.1 6.0 5.5 4.8 4.8 4.3 4.1 3.9 3.6 3.3 2.5 1.9 1.7 1.4 1.1 0.94 0.80


▲Up To Search▲   

 
Price & Availability of DS86C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X