|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
F E AT U R E S 5 0 - 5 00 MHz 2 mA, +15 VDC 0.75 dB Insertion Loss 50 dB Isolation Non-Reflective CMOS Driver PART IDENTIFICATION .75 MODEL NO. DS0073 P IN Dio d e SP 3T SP3T RF2 13 RF3 7 RF COM 1 RF1 19 .20 .20 .018 DIA 24 PLACES .600 .100 TYP CONTRASTING COLOR BEAD 19 24 1 50 50 50 * * ********* ***** .75 13 7 .600 5 2 6 CONT 2 +15V CONT 3 "0" "0" 3 8 9 10 11 12 14 15 16 17 4 18 20 21 22 23 24 GND CONT 1 GND "1" .xx = .02 .xxx = .010 GUARANTEED PERFORM A NCE ISO (dB) I.L. (dB) VSWR T Y P IC A L P E R F OR MA NCE at 25 C ISO Parameter Operating Frequency DC Current Control Type Min Typ Max Units 50 2 TTL or CMOS 500 5 MHz mA Conditions At +15 VDC Supply 3 Line Open Collector TTL with Pull Up Resistor Logic "1" = On Logic "0" = Off VIH = +15V VIL = 0V 1.4 1.00 80 1.3 .75 60 I. LOSS Control Current 1.2 .50 40 High Low Insertion Loss Isolation VSWR VSWR 40 Thru Termination 1.1 .25 20 1.0 0 0 10 40 100 400 1000 FREQUENCY (MHz) Impedance Switching Speed Transition (Rise/Fall) Time Switching (Video) Transients Intercept Points 2nd +60 3rd +35 RF Power Operate No Damage 1.0 1.0 0.75 51 1.18/1 1.12/1 50 3 300 640 +67 +43 +23 +25 2 2 1.0 1.25/1 1.25/1 5 A A dB dB Operating Temperature -55 +10 +27 +125 OHMS SEC nSEC mV dBm dBm dBm dBm C 50% Input to 90% / 10% RF 90% / 10% or 10% / 90% RF Peak Value 85 MHz / 25 MHz 42.5 MHz / 25 MHz 0.1 dB Compression TA DA I C O In d u s t r i e s |
Price & Availability of DS0073 |