|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * Low Cost High Current Capability High Surge Current Capability Low Leakage omponents 21201 Itasca Street Chatsworth !"# $ % !"# DR750 THRU DR7510 6 Amp Glass Passivated Rectifier 50 - 1000 Volts R-6 * * * Maximum Ratings Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C Maximum Thermal Resistance; 10 C/W Junction To Ambient MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V D DR750 DR751 DR752 DR754 DR756 DR758 DR7510 --------------- 35V 70V 140V 280V 420V 560V 700V A Cathode Mark B Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward IF(AV) 6.0A TA = 60C Current Peak Forward Surge IFSM 200A 8.3ms, half sine Current Maximum 1.1V IFM = 6.0A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1mA TJ = 100C Voltage Typical Junction CJ 100pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1% D C DIMENSIONS INCHES MIN .340 .340 .048 1.000 MM MIN 8.60 8.60 1.20 25.40 DIM A B C D MAX .360 .360 .052 --- MAX 9.10 9.10 1.30 --- NOTE www.mccsemi.com MCC DR750 thru DR7510 Figure 1 Typical Forward Characteristics 200 100 60 PC BOARD Figure 2 Forward Derating Curve 6 5 40 20 4 3 Amps 10 6 4 1 2 25C 1 .6 .4 .2 .1 .6 .8 1.0 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 2 PC BOARD Figure 3 Typical Thermal Resistance versus Lead Length 20 15 C/W 10 5 0 .1 .2 .3 Inches .4 .5 .6 .7 .8 .9 1.0 1.1 Thermal Resistance - C/W versus Equal Lead Length To Heat Sink - Inches www.mccsemi.com DR750 thru DR7510 Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 TJ=100C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 TJ=25C Amps 300 250 200 150 100 50 5 0 MCC Figure 5 Maximum Non-Repetitive Forward Surge Current 1 2 4 6 8 10 Cycles 20 40 60 80 100 Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 Volts 100 120 140 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts www.mccsemi.com |
Price & Availability of DR758 |