Part Number Hot Search : 
BR3505 IP122 087381 02012 HC1GT 5KP45 LC7365NM 30F07
Product Description
Full Text Search
 

To Download DPS-230GB-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DPS-230GB-1
Series
125 (W) x 63.5 (H) x 110 (L) mm
FEATURES
* Application: Desktop PC * 60mm fan * Remote On/Off * Low acoustics noise * High reliability * Fan speed control * Short circuit protection * Over voltage protection * Over temperature protection * Passive PFC to meet EN61000-3-2
ENVIRONMENTAL
* Operating ambient temperature: 10~50 C * Operating relative humidity: 20~85% * Storage ambient temperature: -20~60C * Storage relative humidity: 5~90% * Altitude: 10,000~50,000 feet * MTBF: > 100K hours @ max. load & 25C ambient conditions.
ELECTRICAL SPECIFICATIONS INPUT
* Input Range * Frequency * Input Current * Efficiency * EMI/RFI 90~264Vac, single phase 47~63Hz <6A @ 115Vac, <3A @ 230Vac >65% @ 115Vac CISPR 22 Class B, FCC, VCCI
OUTPUT
* Maximum Power 230 Watts * Holdup Time >17mS for outputs @ 115Vac * Rise Time 0.1~20mS * Leakage Current <0.75mA @ 220Vac * Overvoltage Protection: +3.3V, +5V, +12V * Short-Circuit Protection: Latch off * Power Good Signal: TTL compatible on delay 100mS to 500mS, off delay 1mS.
CB
Output V1 V2 V3 V4 V5 Voltage +3.3V +5V +12V -12V +5Vsb Regulation 5% 5% 5% 10% 5% Minimum Maximum Load Load 0.3A 1.0A 0.5A 0.05A 0.1A 14.0A 12.0A 13.0A 0.5A 2.0A Peak Load 15.0A 2.5A Ripple & Noise 100mV 100mV 200mV 240mV 150mV
1. Total continue power output: 230W 2. The combined power on +3.3V & +5V: 106.2W max 3. The combined power on +3.3V, +5V & +12V: 220W max
All specifications are subject to change without prior notice. DELTA ELECTRONICS, INC. 3, TUNG YUAN ROAD, CHUNGLI INDUSTRIAL ZONE TAOYUAN SHIEH, TAIWAN, R.O.C. TEL: 886-3-4526107 FAX: 886-3-4527314 mail: powersales@delta.com.tw DELTA PRODUCTS CORPORATION 4405 CUSHING PARKWAY FREMONT, CA 94538, U.S.A. TEL: 1-510-668-5100 FAX: 1-510-668-0680 DELTA ELECTRONICS(JAPAN) INC. DELTA SHIBADAIMON BLDG. 2-1-14 SHIBADAIMON, MINATO-KU, TOKYO, 105-0012, JAPAN TEL: 81-3-5733-1111 FAX: 81-3-5733-1211 DELTA ELECTRONICS, EUROPE LTD. 2 YOUNG PLACE KELVIN INDUSTRIAL ESTATE EAST KILBROIDE, GLASGOW G75 OTD, U.K. TEL: 44-1355-588888 FAX: 44-1355-588889


▲Up To Search▲   

 
Price & Availability of DPS-230GB-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X