|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Continental Device India Limited An ISO/TS16949 and ISO 9001 Certified Company DO-41 Hermetically Sealed Glass Axial Package Outline Package Drawing, Taping and Packaging Information Continental Device India Limited Data Sheet Page 1 of 3 Continental Device India Limited An ISO/TS16949 and ISO 9001 Certified Company DO-41 Glass Axial Package A B A DIM A C B NOTES 1. Cathode is m arked by Band. 2. All dim ensions are in m m . C D D MIN 27.90 4.06 0.71 2.03 5.51 0.87 2.72 MAX DO-41, 52mm Taping Specification 1.05 MAX. 1.5 R MAX. 5.50 4.50 52 mm Taping Specification 1. T & A indicates Axial Tape & Ammo packing (52 mm Tape Spacing). 2. 300 mm (min) leader tape on every spool. 3. No. of empty places allowed 0.25% without consecutive empty places. 4. Ends of leads shall preferably not protrude beyond the tapes. 5. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling. LEADER CENTRE LINE - 1.05 54.00 50.00 6.0 5.0 52.0 11 DIODES 48.0 All dimensions in mm. TAPES FE ED 6 .0 - 1 . 0 52 - 2 .0 . 0 6 .0 - 1 . 0 DO-41 AMMO PACK 85.0 m m LABEL 255 73 .5 .0 m m mm D O-41:- 2500 pcs./Am m o Pack D IOD E AM M O PACK On request also available in 26 mm Tape and Ammo Pack Continental Device India Limited Data Sheet Page 2 of 3 Packing Detail PACKAGE Details DO-41 T&A STANDARD PACK Net Weight/Qty Size 10" x 3.5" x 3.5" 2.5K/ammo box 1.04 kg/2.5K pcs INNER CARTON BOX Qty 2.5K Size 12.7" x 12.7" x 20" OUTER CARTON BOX Qty 62.5K Gr Wt 30 kgs Customer Notes Disclaimer The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com Continental Device India Limited Data Sheet Page 3 of 3 CDIL is a registered Trademark of |
Price & Availability of DO-41 |