Part Number Hot Search : 
0J1US L4148 SSU1N50B 4C20BD 1EBF111 C100E1 T3801N L4100
Product Description
Full Text Search
 

To Download DN050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
DN050
NPN Silicon Transistor
Features
* Extremely low collector-to-emitter saturation voltage ( VCE(SAT)=0.07V Typ. @IC /IB =100mA/10mA) * Suitable for low voltage large current drivers * Complementary pair with DP050 * Switching Application.
Ordering Information
Type NO. DN050 Marking DN050 Package Code TO-92
Outline Dimensions
unit : mm
PIN Connections 1. Emitter 2. Collector 3. Base
KST-9083-000
1
DN050
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25 C)
Symbol
VCBO VCEO VEBO IC PC Tj T stg
Ratings
15 12 5 500 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Base-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25 C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO h FE1 h FE2 VCE(sat) VBE(sat) fT C ob
Test Condition
IC=50A, I E =0 IC=1mA, IB =0 IE =50A, IC =0 VCB=12V, IE =0 VEB =5V, I C=0 VCE=1V, IC =100mA VCE=1V, IC =500mA IC=100mA, IB =10mA IC=100mA, IB =10mA VCE=5V, IC =20mA VCB=10V, IE =0, f=1MHz
Min.
15 12 5 200 70 -
Typ.
120 4.5
Max.
0.1 0.1 450 0.25 1.2 -
Unit
V V V A A V V MHz pF
KST-9083-000
2
DN050
Electrical Characteristic Curves
Fig. 2 IC - VBE
Fig. 1 PC - Ta
Fig. 3 hFE - IC
Fig. 4 IC - VCE
Fig. 5 VCE(sat) - IC
KST-9083-000
3


▲Up To Search▲   

 
Price & Availability of DN050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X