Part Number Hot Search : 
C2330 S52XXM LH0070 HCS1401A BZX3VX TSH64C UT165 ATAK2270
Product Description
Full Text Search
 

To Download DLO32F-9MD4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DLO32F
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO32F)
FEATURES
* * * * * * * Continuous or keyable wave train Synchronizes with arbitrary gating signal Fits standard 14-pin DIP socket Low profile Auto-insertable Input & outputs fully TTL interfaced & buffered Available in frequencies from 2MHz to 40MHz
C1 1 14
data 3 (R) delay devices, inc.
PACKAGES
VCC
10 GND 7 8
C2 GB
C1 N/C N/C N/C N/C N/C GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC N/C N/C N/C C2 N/C GB
DLO32F-xx DLO32F-xxA2 DLO32F-xxB2 DLO32F-xxM
DIP Gull-Wing J-Lead Military DIP
Military SMD DLO32F-xxMD1 DLO32F-xxMD4
FUNCTIONAL DESCRIPTION
The DLO32F-series device is a gated delay line oscillator. The device produces a stable square wave which is synchronized with the falling edge of the Gate Input (GB). The frequency of oscillation is given by the device dash number (See Table). The two outputs (C1,C2) are in complementary during oscillation, but both return to logic low when the device is disabled.
PIN DESCRIPTIONS
GB C1 C2 VCC GND Gate Input Clock Output 1 Clock Output 2 +5 Volts Ground
SERIES SPECIFICATIONS
* * * * * * * * Frequency accuracy: Inherent delay (TE0): Output skew: Output rise/fall time: Supply voltage: Supply current: Operating temperature: Temperature coefficient: 2% 3ns typical 2.5ns typical 2ns typical 5VDC 5% 40ma typical (7ma when disabled) 0 to 70 C 100 PPM/C (See text)
DASH NUMBER SPECIFICATIONS
Part Number DLO32F-2 DLO32F-2.5 DLO32F-3 DLO32F-3.5 DLO32F-4 DLO32F-4.5 DLO32F-5 DLO32F-5.5 DLO32F-6 DLO32F-7 DLO32F-8 DLO32F-9 DLO32F-10 DLO32F-12 DLO32F-14 DLO32F-15 DLO32F-20 DLO32F-25 DLO32F-30 DLO32F-35 DLO32F-40 Frequency (MHz) 2.0 0.04 2.5 0.05 3.0 0.06 3.5 0.07 4.0 0.08 4.5 0.09 5.0 0.10 5.5 0.11 6.0 0.12 7.0 0.14 8.0 0.16 9.0 0.18 10 0.20 12 0.24 14 0.28 15 0.30 20 0.40 25 0.50 30 0.60 35 0.70 40 0.80
GATE (GB)
tEO
CLOCK 1 (C1)
tGR
tDO
1/f0
CLOCK 2 (C2)
tCS
Figure 1: Timing Diagram
(c) 1998 Data Delay Devices
NOTE: Any dash number between 2 and 40 not shown is also available.
Doc #98002
3/17/98
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
DLO32F
APPLICATION NOTES
THERMAL STABILITY
The delay line used internally to develop the clock signals in the DLO32F has a thermal coefficient of 100ppm/C. For low frequency units, this is also the thermal coefficient of the output frequency. For higher frequency units, however, other internal effects must be considered, and the actual thermal coefficient may be somewhat higher.
POWER SUPPLY BYPASSING
The DLO32F relies on a stable power supply to produce a repeatable frequency within the stated tolerances. A 0.1uf capacitor from VCC to GND, located as close as possible to the VCC pin, is recommended. A wide VCC trace and a clean ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input Pin Voltage Storage Temperature Lead Temperature SYMBOL VCC VIN TSTRG TLEAD MIN -0.3 -0.3 -55 MAX 7.0 VDD+0.3 150 300 UNITS V V C C NOTES
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V) PARAMETER High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current High Level Input Voltage Low Level Input Voltage Input Clamp Voltage Input Current at Maximum Input Voltage High Level Input Current Low Level Input Current Short-circuit Output Current Output High Fan-out Output Low Fan-out SYMBOL VOH VOL IOH IOL VIH VIL VIK IIHH IIH IIL IOS MIN 2.5 TYP 3.4 0.35 MAX UNITS V V mA mA V V V mA A mA mA Unit Load NOTES VCC = MIN, IOH = MAX VIH = MIN, VIL = MAX VCC = MIN, IOL = MAX VIH = MIN, VIL = MAX
0.5 -1.0 20.0
2.0 0.8 -1.2 0.1 20 -0.6 -150 25 12.5
VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX
-60
TABLE 3: AC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V) PARAMETER Enable to Clock On (Inherent Delay) Disable to Clock Off Clock Skew Gate Recovery Time SYMBOL tEO tDO tCS tGR MIN 1.5 1.5 1.5 50 TYP 3.0 2.5 2.5 MAX 4.5 3.5 3.5 UNITS ns ns ns % of Clock Period
Doc #98002
3/17/98
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
DLO32F
PACKAGE DIMENSIONS
14 10 8
Lead Material: Nickel-Iron alloy 42 TIN PLATE
14
10
8
.410 TYP.
1 7
1
7
.780 MAX.
.280 MAX. .290 MAX.
.820 MAX.
.020 .320 TYP. MAX. .130 .030 .018 TYP. .600 TYP. .200 TYP.
.015 TYP. .010.002 .018 TYP. .070 MAX. .600.010 .350 MAX.
.020 TYP. .300 TYP.
DLO32F-xx (Commercial DIP)
DLO32F-xxM (Military DIP)
.020 TYP. .040 TYP.
10
.010 TYP.
14
.020 TYP.
10 8
.040 TYP. .270 TYP.
.050 TYP. .320 TYP.
.270 TYP.
7
.430 TYP.
1 7
.090 .600 .790 MAX.
.300 MAX.
.050 TYP.
.110
.200 .600 .790 MAX.
.350 MAX.
.110 TYP.
DLO32F-xxA2 (Commercial Gull-Wing)
DLO32F-xxB2 (Commercial J-Lead)
.650 .100
1 14
.017 .510 MAX.
.100
1 14
.017 .510 MAX.
.300 TYP.
7 8
.300 TYP.
7 8
.100 .300 .200 MAX. (Com) .225 MAX. (Mil) .065 TYP. .360 TYP. .065 TYP. .510 MAX. .300
.050
.100 .080 .510 MAX.
.050 .080
.025
.008
.200 MAX. (Com) .225 MAX. (Mil) .005
.008
.045
.360 TYP. .065 TYP. .065 TYP.
DLO32F-xxD1 (Commercial SMD) DLO32F-xxMD1 (Military SMD)
DLO32F-xxD4 (Commercial SMD) DLO32F-xxMD4 (Military SMD)
Doc #98002
3/17/98
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3
DLO32F
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT: o o Ambient Temperature: 25 C 3 C Supply Voltage (Vcc): 5.0V 0.1V Input Pulse: High = 3.0V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured between 0.6V and 2.4V ) Pulse Width Low: PWIN = 10 x Clock Period Period: PERIN = 20 x Clock Period OUTPUT: Load: Cload: Threshold: 1 FAST-TTL Gate 5pf 10% 1.5V (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
FREQUENCY COUNTER
PULSE GENERATOR
OUT TRIG
GB
DEVICE UNDER TEST (DUT)
C1 C2
IN TRIG OSCILLOSCOPE
Test Setup
PERIN PWIN TFALL INPUT SIGNAL
2.4V 1.5V 0.6V 2.4V 1.5V 0.6V
TRISE VIH
VIL
TEO OUTPUT SIGNAL VOH
1.5V 1.5V
VOL
Timing Diagram For Testing
Doc #98002
3/17/98
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
4


▲Up To Search▲   

 
Price & Availability of DLO32F-9MD4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X