Part Number Hot Search : 
2SA185 DD201 NCP14 80C196K CSNE371 CP30338 9S08DZ16 18DD0
Product Description
Full Text Search
 

To Download DLE-032-016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-032-016 REV: 2.0
5.0mm Round Type LED Lamps MODEL NO :
Features :

323HD
ECN :
Package
Page:
1/4
Dimensions:
Choice of various viewing angles Available on table and reel Reliable and robust
Pb free The product itself will remain within RoHS compliant version.
Descriptions :
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities, epoxy colors, etc.
Applications : TV set Monitor Telephone Computer PART NO Material
323HD GaP
Notes : 1.All dimensions are in millimeters. 2.An epoxy meniscus may extend about 1.5mm(0.059") down to the lead. Chip Emitted Color
Bright Red Red Diffused
Lens Color
OFFICE : NO. 25,Lane 76,Sec.3, Chung Yang Rd., Tucheng 236, Taipei, Taiwan, R.O.C. TEL : 886-2-2267-2000,2267-9936 FAX : 886-2-2267-6244,22676189,22676306 http://www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-032-016 REV: 2.0
5.0mm Round Type LED Lamps
MODEL NO :
323HD
ECN :
Page:
2/4
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Peak Forward Current(Duty 1/10 @ 1KHZ) Reverse Voltage Symbol If Topr Tstg Tsol Pd If(Peak) Vr Rating 15 -40 to +85 -40 to +100 260 5 45 50 5 Unit mA mW mA V
Electronic Optical Characteristics :
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol Iv 21/2 p d Vf Ir MIN. 0.40 1.5 TYP. 0.63 60 697 650 90 2.0 MAX. 2.4 10 Unit mcd deg nm nm nm V A Condition If= 10 mA If= 10 mA If= 10 mA If= 10 mA If= 10 mA If= 10 mA Vr= 5 V
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-032-016 REV: 2.0
5.0mm Round Type LED Lamps
MODEL NO :
323HD
ECN :
Page:
3/4
Typical Electro-Optical Characteristic Curres
EVERLIG
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-032-016 REV: 2.0
5.0mm Round Type LED Lamps
MODEL NO :
323HD
ECN :
Page:
4/4
Reliability test items and conditions
No 1 Item Solder Heat Test Conditions TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100 Test Hours/Cycle 5 SEC Sample Size Ac/Re 76 PCS 0/1
2
Temperature Cycle
50 CYCLE
76 PCS
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
50 CYCLE
76 PCS
0/1
4
1000 HRS
76 PCS
0/1
5
TEMP : -55
1000 HRS
76 PCS
0/1
6
If = 10 mA
1000 HRS
76 PCS
0/1
7
85/85% RH
1000 HRS
76 PCS
0/1


▲Up To Search▲   

 
Price & Availability of DLE-032-016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X