Part Number Hot Search : 
FDB2570 1N3022 KU325N 1837174 S1NK60Z TCD2503 CDRH6D38 GRM188R
Product Description
Full Text Search
 

To Download DL914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DL914
Fast Switching Speed Low Current Leakage Low Cost Compression Bond Construction Surface Mount Application
500mW 100 Volt Silicon Switching Diode
MINIMELF
Cathode Mark
Maximum Ratings
l Operation & Storage Temperature: -55oC to +150oC l Maximum Thermal Resistance: 35oC/W Junction to Ambient Electrical Characteristics @ 25oC Unless Otherwise Specified
Reverse Volt. Peak Reverse Volt. Average Rectified Current Power Dissipation Junction Temperature Peak Forward Surge Current Maximum Instantaneous Forward Volt. Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time VR V RM IO P TOT TJ IFSM VF IR 25nA 50uA 4pF 4nS 75V 100V Resistive Load 150mA f>50Hz 500mW 200 C 500mA 8.3ms, half sine 1.0V IFM =10mA; T J =25oC V R =20V T J =25oC T J =150oC Measured at 1.0MHz, V R =4.0V IF =10mA V R =6V R L=100 OHMS
DIM A B C
o
C
B A
DIMENSION INCHES MIN MAX .134 .008 .055 .142 .016 .059 MIN MM MAX 3.60 0.40 1.50 NOTE
3.40 0.20 1.40
SUGGESTED SOLDER PAD LAYOUT
0.105
CJ T rr
0.075"
Pulse test: Pulse width 300 usec, Duty cycle 2%.
0.030"
www.mccsemi.com
MCC
DL914
Figure 1 Typical Forward Characteristics 20 10 6 4 500 2 MilliAmps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 100 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Admissable Power Dissipation - MilliWattsversus Ambient Temperature - C 125 150 175 400 600 Figure 2 Forward Derating Curve
300 MilliWatts 200
Figure 3 Junction Capacitance
10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
MCC
DL914
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 TA=25C 10 NanoAmps 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes versus Junction Temperature - C 80 100 120 140 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 MilliAmps 600 500 400 300 200 100 Figure 5 Peak Forward Surge Current
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DL914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X