Part Number Hot Search : 
KK431 G0100 FPI4060W P45AB SDRAM 83905 MM1278XD 00158
Product Description
Full Text Search
 

To Download DI110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BRDI-100-1B
FEATURES
PRV Ratings from 50 to 1000 Volts
MECHANICAL SPECIFICATION
ACTUAL SIZE OF THE DI PACKAGE
DT +
SERIES DI100 - DI110
_ DT DI104
Surge overload rating to 50 Amps peak
DI104
+
A1
A
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
C
UL RECOGNIZED - FILE #E124962
MECHANICAL DATA
Case: Molded plastic, U/L Flammability Rating 94V-0
D L1 L B B1 B2 Minimum mm in 0.290 7.4 0.245 6.2 0.41 0.016 0.195 5.0 0.300 7.6 9.3 0.355 3.2 0.125 3.9 0.155 0.060* 1.5* Maximum mm in 7.9 0.310 6.5 0.255 0.51 0.020 0.205 5.2 8.9 0.350 9.3 0.365 3.4 0.135 0.165 4.3
Terminals: Rectangular pins _ Soldering: Per MIL-STD 202 Method 208 guaranteed +
Sym A A1 B B1 B2 C D L L1
Polarity: Marked on case
Mounting Position: Any
Weight: 0.05 Ounces (1.3 Grams)
* This dimension is "Typical".
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
PARAMETER (TEST CONDITIONS)
Series Number Maximum DC Blocking Voltage Maximum RMS Voltage Maximum Peak Recurrent Reverse Voltage Average Forward Rectified Current @ TA = 40 oC Peak Forward Surge Current (8.3mS single half sine wave superimposed on rated load) Maximum Forward Voltage (Per Diode) at 1 Amp DC Maximum Average DC Reverse Current At Rated DC Blocking Voltage Operating and Storage Temperature Range @ TA = 25 C @ TA = 100 oC
o
SYMBOL
RATINGS
DI100 DI101 DI102 DI104 DI106 DI108 DI110
UNITS
VRM VRMS VRRM IO IFSM VFM IRM RJA TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1 50 1.1 5.0 0.5 40
600 420 600
800 560 800
1000 700 1000 AMPS VOLTS A mA C/W C
4.97fbrdi100
VOLTS
Maximum Thermal Resistance, Junction to Ambient (Note 1)
-55 to +150
NOTES: (1) Thermal resistance from junction to ambient with bridge mounted on PC Board with 0.5x0.5 in copper pads
F1
DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BRDI-100-2B
1 AMP MINIATURE BRIDGE RECTIFIERS
RATING & CHARACTERISTIC CURVES FOR SERIES DI100 - DI110
50
Resistive and Inductive Loads
40
30
20
NOTE 1
10
Ambient Temperature, o C FIGURE 1. FORWARD CURRENT DERATING CURVE
0 1 10 100
Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
10 100
TA = 100 oC 10
1.0
NOTE 2
1.0
0.1
0.1
TA = 25 oC
.01 20 60 80 100 120 140
0.01
Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Percent of Rated Peak Reverse Voltage FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
1000
NOTES NOTE 3
100 50 0.1 1 10 100
(1) JEDEC Method, 8.3 mSec. Single Half Sine Wave; TJ = 150 oC (2) TJ = 25 C; Pulse Width = 300 Sec, 1% Duty Cycle
o
(3) TJ = 25 oC; f = 1 MHz
Reverse Voltage, (Volts) FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
F2
4.97bbrdi100


▲Up To Search▲   

 
Price & Availability of DI110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X