Part Number Hot Search : 
NCV2903 UPA672T U16C15 NCP12 0000A 560EVAL EC3581 NCP12
Product Description
Full Text Search
 

To Download DH1A240D0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DH Type
High Insulation DIP Relay
n
Features
* Molded Epoxy Body * DIP type construction with the same terminal pitch
as IC's or TTL's simplifies designing.
* High sensitivity allows for direct driving by TTL's, etc. * High Breakdown: 4KV between coil and contact
* Sealed construction for automatic flow soldering and cleaning
n Characteristics
Contact resistance Operate Time Bounce Time Release Time Insulation Resistance Power Switching Voltage Switching Current Carrying Current Life Expectancy Minimum Breakdown Voltage Operate Temperature Storage Temperature Minimum Permissible Load Vibration Shock Resonant Frequency 100mOhm max., initial 0.5msec max. 0.5msec max. 0.2msec max. 10 1 1 ohm min. 10VA max. 200VDC max. 0.5 Amps max. 1.0 Amps max. 8 10 (signal level) 250VDC across open contact 4000VAC between coil and contact -45 - +85 C -50 - +125 C 100mVDC 10 mA 20g (10-2000Hz) 30g (11ms 1/2 sine wave) 3.5KHz
n
Dimensions
n
PCB Layout
n Specifications (Contact Form: 1 Form A)
Nominal Coil Voltage 5 12 24 5 12 24 Coil Must Resistance Operate +/10% (VDC) 500 1000 2150 500 1000 2150 3.75 9.0 18.0 3.75 9.0 18.0 Must Rated Continuous Release Current Voltage (VDC) (mA) (max.) 1.0 1.2 2.4 1.0 1.2 2.4 10 12 11.1 10 12 11.1 10 20 28 10 20 28 Circuit Schematic Top View
Part Number
DH1A05000 DH1A12000 DH1A24000 DH1A050D0 DH1A120D0 DH1A240D0
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423 TOLL FREE 1 (888) 922-8330 FX (732) 922-6363 E-mail: globalcomponents@msn.com


▲Up To Search▲   

 
Price & Availability of DH1A240D0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X