Part Number Hot Search : 
350CA 3N251 Z3PK540H BS60D4A CY7C10 STACK 1N6020UR 00207
Product Description
Full Text Search
 

To Download DGSK32-018CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DGS 15-018CS DGSK 32-018CS
Gallium Arsenide Schottky Rectifier
Second generation
VRRM = 180 V IDC = 24 A CJunction = 21 pF
Type DGS 15-018CS
Marking on product 15A180AS
Single
Circuit
A C
Package TO-252 AA
A A TAB
DGSK 32-018CS
DGSK 32-018CS
Common cathode
A C A
TO-263 AB
A A
TAB
A = Anode, TAB = Cathode
Diode Symbol VRRM/RSM IFAV IFAV IFSM Ptot Symbol VF IR IRM t rr CJ RthJC
Data according to IEC 60747 and per diode unless otherwise specified
Features Conditions Maximum Ratings 180 TC = 25C; DC TC = 90C; DC TVJ = 45C; tp = 10 ms (50 Hz), sine TC = 25C Conditions IF = 7.5 A; IF = 7.5 A; VR = VRRM; VR = VRRM; TVJ = 25C TVJ = 125C TVJ = 25C TVJ = 125C 24 15 80 34 V A A A W
Characteristic Values min. typ. max. 1.25 1.0 0.25 1.1 23 21 1.5 V V
0.25 mA mA A ns pF 4.4 K/W
GaAs Schottky Diode with Enhanced Barrier Height: * lowest operating forward voltage drop due to additional injection of minority carriers * high switching speed - low junction capacity of GaAs diode independent from temperature - short and low reverse recovery current peak due to short lifetime of minority carriers - soft turn off Surface Mount Packages: * Incorporating Single and Dual Diode Topologies * Industry Standard Package Outlines * Epoxy meets UL 94V-0
Applications
IF = 5 A; -diF/dt = 150 A/s; VR = 100 V; TVJ = 125C VR = 100 V; TVJ = 125C
Component Symbol TVJ Tstg Symbol Weight Conditions TO-252 TO-263 Conditions Maximum Ratings -55...+175 -55...+150 C C
Switched Mode Power Supplies: * AC-DC converters * DC-DC converters with: * high switching frequency * high efficiency * low EMI for use e. g. in: * telecom * computer * automotive equipment
Characteristic Values min. typ. max. 0.3 2 g g
0520
IXYS reserves the right to change limits, Conditions and dimensions.
(c) 2005 IXYS All rights reserved
1-2
DGS 15-018CS DGSK 32-018CS
40 10 CJ IF A 1
TVJ = 125C 25C
300 pF
Outlines TO-252 AA
100
0.1
1 Anode 2 NC 3 Anode 4 Cathode
TVJ = 125C
0.01 0.0
0.5
1.0 VF
V 1.5
10 0.1
Dim.
1
10
100 V 1000 VR
Fig. 1 typ. forward characteristics
Fig. 2 typ. junction capacity versus blocking voltage
10
TO-252
K/W 1 ZthJC
Single Pulse
TO-263
A A1 A2 b b1 b2 c c1 D D1 E E1 e e1 H L L1 L2 L3
Millimeter Min. Max. 2.19 2.38 0.89 1.14 0 0.13 0.64 0.89 0.76 1.14 5.21 5.46 0.46 0.58 0.46 0.58 5.97 6.22 4.32 5.21 6.35 6.73 4.32 5.21 2.28 BSC 4.57 BSC 9.40 10.42 0.51 1.02 0.64 1.02 0.89 1.27 2.54 2.92
Inches Min. Max. 0.086 0.094 0.035 0.045 0 0.005 0.025 0.035 0.030 0.045 0.205 0.215 0.018 0.023 0.018 0.023 0.235 0.245 0.170 0.205 0.250 0.265 0.170 0.205 0.090 BSC 0.180 BSC 0.370 0.410 0.020 0.040 0.025 0.040 0.035 0.050 0.100 0.115
0.1
Outlines TO-263 AB
0.01
DGS15-018CS
0.00001
0.0001
0.001
0.01
0.1
1 t
s
10
Fig. 3 typ. thermal impedance junction to case
1. 2. 3. 4.
Gate Collector Emitter Collector
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 8.00 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.89
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .315 .190 .110 .039 .055 .029 .055 .380 .350
9.65 10.29 6.22 8.13 2.54 BSC 14.61 2.29 1.02 1.27 0 0.46 15.88 2.79 1.40 1.78 0.20 0.74
.380 .405 .245 .320 .100 BSC .575 .090 .040 .050 0 .018 .625 .110 .055 .070 .008
0520
.029
IXYS reserves the right to change limits, Conditions and dimensions.
(c) 2005 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DGSK32-018CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X