Part Number Hot Search : 
1N2279 ADCMP6 LTC31 H80N60 55520 ZTX688 C1210 LTC2654
Product Description
Full Text Search
 

To Download DG2043DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2041/2042/2043
New Product
Vishay Siliconix
Low-Voltage, Low rON Quad SPST Analog Switch
FEATURES
D D D D D D D Low Voltage Operation (1.8 V to 5.5 V) Low On-Resistance - rDS(on): 1.0 W Fast Switching - 14 ns tON Low Charge Injection - QINJ: 1 pC Low Power Consumption TTL/CMOS Compatible TSSOP-16 and QFN-16 Packages
BENEFITS
D D D D Reduced Power Consumption Simple Logic Interface High Accuracy Reduce Board Space
APPLICATIONS
D D D D D Cellular Phones Communication Systems Portable Test Equipment Battery Operated Systems Sample and Hold Circuits
DESCRIPTION
The DG2041/2042/2043 are quad single-pole/single-throw monolithic CMOS analog switch designed for high performance switching of analog signals. Combining low power, fast switching, low on-resistance (rDS(on): 1.0 W @ 2.7 V) and small physical size, the DG2041/2042/2043 are ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG2041/2042/2043 are built on Vishay Siliconix's new high density low voltage process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on, and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION DG2041
DG2041DN
QFN-16 (4 X 4) COM1 COM2 IN1 IN2
DG2041DQ
TSSOP IN1 COM1 1 2 3 4 5 6 7 8 Top View 16 15 14 13 12 11 10 9 IN2 COM2 NC2 V+
N.C.
16
15
14
13
NC1 N.C. GND NC4
1 2 Top View 3 4
12 11 10 9
NC2 NC1 V+ N.C. NC3 N.C. GND NC4 COM4 IN4
NC3 COM3 IN3
5 COM4
6 IN4
7 IN3
8 COM3
TRUTH TABLE DG2041 Logic
0 1
Switch
On Off
Switches Shown for Logic "0" Input Document Number: 72091 S-03008--Rev. A, 20-Jan-03 www.vishay.com
1
DG2041/2042/2043
Vishay Siliconix
New Product
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION DG2042
DG2042DN
QFN-16 (4 X 4) COM1 COM2 IN1 IN2
DG2042DQ
TSSOP IN1 COM1 1 2 3 4 5 6 7 8 Top View 16 15 14 13 12 11 10 9 IN2 COM2 NO2 V+
N.C.
16
15
14
13
NO1 N.C. GND NO4
1 2 Top View 3 4
12 11 10 9
NO2 V+
NO1 N.C. GND
N.C. NO3
NO4 COM4 IN4
NO3 COM3 IN3
5 COM4
6 IN4
7 IN3
8 COM3
TRUTH TABLE DG2042 Logic
0 1
Switch
Off On
Switches Shown for Logic "0" Input
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION DG2043
DG2043DN
QFN-16 (4 X 4) COM1 COM2 IN1 IN2
DG2043DQ
TSSOP IN1 COM1 1 2 3 4 5 6 7 8 Top View 16 15 14 13 12 11 10 9 IN2 COM2 NC2 V+
N.C.
16
15
14
13
NO1 N.C. GND NO4
1 2 Top View 3 4
12 11 10 9
NC2 NO1 V+ N.C. NC3 N.C. GND NO4 COM4 IN4
NC3 COM3 IN3
5 COM4
6 IN4
7 IN3
8 COM3
TRUTH TABLE DG2043 Logic
0 1
Switches 1, 4
Off On
Switches 2, 3
On Off
Switches Shown for Logic "0" Input www.vishay.com Document Number: 72091 S-03008--Rev. A, 20-Jan-03
2
DG2041/2042/2043
New Product
Vishay Siliconix
ORDERING INFORMATION Temp Range Package
TSSOP-16 -40 to 85C QFN-16 (4x4 mm)
Part Number
DG2041DQ DG2042DQ DG2043DQ DG2041DN DG2042DN DG2043DN
ABSOLUTE MAXIMUM RATINGS
Reference to GND V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6 V IN, COM, NC, NOa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+ + 0.3 V) Continuous Current (Any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . . "50 mA Peak Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . "200 mA (Pulsed at 1 ms, 10% duty cycle) Storage Temperature (D Suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150C Power Dissipation (Packages)b TSSOP-16c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW QFN-16 (4 x 4 mm)d . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1880 mW Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 5.6 mW/_C above 70_C d. Derate 23.5 mW/_C above 70_C e. Manual soldering with soldering iron is not recommended for leadless components. The QFN is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection.
SPECIFICATIONS (V+ = 2.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd rON Match Between Channels VNO, VNC, VCOM rON rON Flatness D rON INO(off), INC(off) ICOM(off) Channel-On Leakage Current f ICOM(on) V+ = 2.2 V VNO, VNC = 0.2 V/2.0 V, VCOM = 2.0 V/0.2 V V+ = 2.0 V, VCOM = 0.2 V/1.2 V, INO, INC = 10 mA Full Room Fulld Room V+ = 2.0 V, VCOM = 0 to V+, INO, INC = 10 mA Room Room Fulld Room Fulld Room Fulld -1 -10 -1 -10 -1 -10 0.4 1 10 1 10 1 10 nA 0 3.0 V+ 6.3 6.3 4.2 W V
Limits
-40 to 85_C
Symbol
V+ = 2.0 V, VIN = 0.4 or 1.6 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage
Currentf
V+ = 2.2 V, VNO, VNC = VCOM = 0.2 V/2.0 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitanced Input Current
VINH
Full Full Full VIN = 0 or V+ Full
1.6 0.4 4 -1 1 V pF mA
VINL
Cin
IINL or IINH
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
www.vishay.com
3
DG2041/2042/2043
Vishay Siliconix
SPECIFICATIONS (V+ = 2.0 V)
Test Conditions Otherwise Unless Specified Parameter Dynamic Characteristics
Turn-On Time Turn-Off Time Break-Before-Make Time Delay Charge Injectiond Off-Isolationd Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced tON tOFF tD QINJ OIRR XTALK CNO(off), CNC(off) CON VNO or VNC = 1.5 V, RL = 300 W, CL = 35 pF Figures 1 and 2 VNO or VNC = 1.5 V, RL - 300 W, CL - 35 pF (DG2043 Only) CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 2 RL = 50 W CL = 5 pF, f = 1 MHz W, Room Fulld Room Fulld Room Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 48 5 1 -63 -95 24 pF dB pC 30 22 81 82 41 42 ns
New Product
Limits
-40 to 85_C
Symbol
V+ = 2.0 V, VIN = 0.4 or 1.6 Ve
Tempa
Minb
Typc
Maxb
Unit
Power Supply
Power Supply Currentd I+ VIN = 0 or V+ 0.001 1.0 mA
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd rON Match Between Channels VNO, VNC, VCOM rON rON Flatness D rON INO(off), INC(off) ICOM(off) Channel-On Leakage Current f ICOM(on) V+ = 3.3 V VNO, VNC = 0.3 V/3.0 V, VCOM = 3.0 V/0.3 V V+ = 2.7 V, VCOM = 0.7 V/1.5 V, INO, INC = 10 mA V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA Room Room Full Room Full Room Full -1 -10 -1 -10 -1 -10 0.3 1 10 1 10 1 10 nA Full Room Full Room 0 1.6 V+ 2.1 2.2 0.7 W V
Limits
-40 to 85_C
Symbol
V+ = 3 V, "10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage Current f
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3.0 V
Digital Control
Input High Voltaged Input Low Voltage Input Capacitanced Input Current
VINH
Full Full Full VIN = 0 or V+ Full
1.6 0.4 4 -1 1 V pF mA
VINL
Cin
IINL or IINH
www.vishay.com
4
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
DG2041/2042/2043
New Product
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions Otherwise Unless Specified Parameter Dynamic Characteristics
Turn-On Timed Turn-Off Timed Break-Before-Make Time Delay Charge Injectiond Off-Isolationd Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced tON tOFF tD QINJ OIRR XTALK CNO(off), CNC(off) CON VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF Figure 1 and 2 VNO or VNC = 2.0 V, RL - 300 W, CL - 35 pF (DG2043 Only) CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 2 RL = 50 W CL = 5 pF, f = 1 MHz W, Room Full Room Full Room Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 49 2 3 -63 -94 25 pF dB pC 19 17 51 52 36 37 ns
Vishay Siliconix
Limits
-40 to 85_C
Symbol
V+ = 3 V, "10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Power Supply
Power Supply Current I+ VIN = 0 or V+ 0.001 1.0 mA
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd rON Match Between Channels VNO, VNC, VCOM rON rON Flatness D rON INO(off), INC(off) Switch Off Leakage Current ICOM(off) Channel-On Leakage Current ICOM(on) V+ = 5.5 V VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V V+ = 4.5 V, VCOM = 0.7 V/2.5 V, INO, INC = 10 mA V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 10 mA Room Room Full Room Full Room Full -1.0 -10 -1.0 -10 -1.0 -10 0.3 1.0 10 1.0 10 1.0 10 nA Full Room Full Room 0 1.0 V+ 1.5 1.6 0.7 W V
Limits
-40 to 85_C
Symbol
V+ = 5 V, "10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
V+ = 5.5 V, VNO, VNC = VCOM = 1 V/4.5 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitance Input Current
VINH
Full Full Full VIN = 0 or V+ Full
2.4 0.8 4 -1 1 V pF mA
VINL
Cin
IINL or IINH
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
www.vishay.com
5
DG2041/2042/2043
Vishay Siliconix
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions Otherwise Unless Specified Parameter Dynamic Characteristics
Turn-On Timed Turn-Off Timed Break-Before-Make Time Delay Charge Injectiond Off-Isolationd Crosstalkd Source-Off Capacitanced Channel-On Capacitanced tON tOFF tD QINJ OIRR XTALK CNO(off), CNC(off) CON VNO or VNC = 3 V, RL = 300 W, CL = 35 pF Figure 1 and 2 VNO or VNC = 3 V, RL - 300 W, CL - 35 pF (DG2043 Only) CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 2 RL = 50 W CL = 5 pF, f = 1 MHz W, Room Full Room Full Room Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 49 1 3 -63 -93 26 pF dB pC 13 19 42 43 32 33 ns
New Product
Limits
-40 to 85_C
Symbol
V+ = 5 V, "10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Power Supply
Power Supply Current Notes: a. b. c. d. e. f. Room = 25C, Full = as determined by the operating suffix. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. Typical values are for design aid only, not guaranteed nor subject to production testing. Guarantee by design, nor subjected to production test. VIN = input voltage to perform proper function. Guaranteed by 5-V leakage testing, not production tested. I+ VIN = 0 or V+ 0.001 1.0 mA
www.vishay.com
6
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
DG2041/2042/2043
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rON vs. VCOM Supply Voltage
5 IS = 10 mA r ON - On-Resistance ( W ) r ON - On-Resistance ( W ) 4 4 V+ = 2 V 85_C 25_C -40_C V+ = 3 V 85_C 25_C -40_C 1 85_C 25_C -40_C 0 1 2 3 4 5 V+ = 5 V 5 IS = 10 mA
Vishay Siliconix
rON vs. Analog Voltage and Temperature
3
V+ = 2 V
3
2
V+ = 3 V V+ = 5 V
2
1
0 0 1 2 3 4 5
0
VCOM - Analog Voltage (V)
VCOM - Analog Voltage (V)
Supply Current vs. Temperature
1000 VIN = 0 V 100 V+ = 5.0 V 10 V+ = 3.0 V V+ = 2.0 V 1 I+ - Supply Current (A) 10 m 1m 100 m 10 m 1m 100 n 10 n 0.1 -60 1n -40 -20 0 20 40 60 80 100
Supply Current vs. Input Switching Frequency
I+ - Supply Current (nA)
10
100
1K
10 K
100 K
1M
10 M
Temperature (_C)
Input Switching Frequency (Hz)
Leakage Current vs. Temperature
10000 V+ = 5 V 100 80 60 1000 Leakage Current (pA) Leakage Current (pA) ICOM(off) 40 20
Leakage vs. Analog Voltage
V+ = 5 V T = 25_C
100
ICOM(on) 0 -20 -40 -60 -80
ICOM(off) INO(off)/INC(off)
ICOM(on) 10
INO(off)/INC(off)
1 -60
-100 -40 -20 0 20 40 60 80 100 0 1 2 3 4 5 Temperature (_C) VCOM, VNO, VNC - Analog Voltage
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
www.vishay.com
7
DG2041/2042/2043
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Switching Time vs. Temperature and Supply Voltage
60 tON V+ = 2 V t OFF - Switching Time (ns) 50 Loss, OIRR, XTALK (dB)
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
10 0 -10 -20 -30 -40 -50 -60 -70 OIRR XTALK V+ = 3 V RL = 50 W LOSS
40
30
tON V+ = 3 V tOFF V+ = 2 V tON V+ = 5 V tOFF V+ = 3 V tOFF V+ = 5 V
20
t ON,
10
-80 0 -60 -90 100 K
-40
-20
0
20
40
60
80
100
1M
10 M Frequency (Hz)
100 M
1G
Temperature (_C)
Switching Threshold vs. Supply Voltage
3.0 20
Charge Injection vs. Analog Voltage
V+ = 3 V
V T - Switching Threshold (V)
2.5 Q - Charge Injection (pC) 0
V+ = 2 V
V+ = 5 V
2.0
1.5
-20
1.0
-40
0.5
0.0 0 1 2 3 4 5 6 7 V+ - Supply Voltage (V)
-60 0 1 2 3 4 5 6 VCOM - Analog Voltage (v)
www.vishay.com
8
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
DG2041/2042/2043
New Product
TEST CIRCUITS
V+ Logic Input V+ Switch Input NO or NC IN Logic Input GND RL 300 W CL 35 pF COM Switch Output VOUT 0.9 x VOUT Switch Output 0V tON tOFF VINH 50% VINL
Vishay Siliconix
tr t 5 ns tf t 5 ns
CL (includes fixture and stray capacitance) V OUT + V COM RL R L ) R ON
Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense.
FIGURE 1. Switching Time
V+
Rgen + Vgen
V+ COM IN GND NC or NO VOUT VOUT CL = 1 nF IN On
DVOUT
Off Q = DVOUT x CL
On
VIN = 0 - V+ IN depends on switch configuration: input polarity determined by sense of switch.
FIGURE 2. Charge Injection
V+ 10 nF 10 nF
V+
V+ NC or NO IN COM RL 0V, 2.4 V IN 0 V, 2.4 V
V+ COM Meter HP4192A Impedance Analyzer or Equivalent f = 1 MHz
NC or NO GND Off Isolation + 20 log V NO NC V COM GND
Analyzer
FIGURE 3. Off-Isolation
FIGURE 4. Channel Off/On Capacitance
Document Number: 72091 S-03008--Rev. A, 20-Jan-03
www.vishay.com
9


▲Up To Search▲   

 
Price & Availability of DG2043DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X