Part Number Hot Search : 
SDR939 D1517 LTC441 SP5026 ACS161MS PSL01 R3JLF HYS72T
Product Description
Full Text Search
 

To Download DG2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2020
New Product
Vishay Siliconix
Low-Voltage Single Asymmetrical SPDT Analog Switch
FEATURES
D Low Voltage Operation (2.7 V to 5.5 V) D Low On-Resistance - rON - NO = 0.8 W - NC = 1.2 W D Low Power Consumption D TTL/CMOS Compatible D TSOP-6 Package
BENEFITS
D D D D Reduced Power Consumption Simple Logic Interface High Accuracy Reduce Board Space
APPLICATIONS
D D D D Cellular Phones Communication Systems Portable Test Equipment Battery Operated Systems
DESCRIPTION
The DG2020 is a single-pole/double-throw monolithic CMOS analog switch designed for high performance switching of analog signals. Combining low power, high speed, low on-resistance and small physical size, the DG2020 is ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG2020 is built on Vishay Siliconix's low voltage JI2 process. An epitaxial layer prevents latchup. Break-before-make is guaranteed. The switch conducts equally well in both directions when on, and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE Logic
TSOP-6
IN V+ GND 1 2 3 Top View Device Marking: E3xxx 6 5 4 NO (Source1) COM NC (Source2) 0 1
NC
ON OFF
NO
OFF ON
ORDERING INFORMATION Temp Range
-40 to 85C
Package
TSOP-6
Part Number
DG2020DV
Document Number: 71676 S-04456--Rev. A, 03-Aug-01
www.vishay.com
1
DG2020
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Reference to GND V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6 V IN, COM, NC, NOa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+ + 0.3 V) Continuous Current (Any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . . "50 mA Peak Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . "200 mA (Pulsed at 1 ms, 10% duty cycle) Storage Temperature (D Suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 125C Power Dissipation (Packages)b TSOP-6c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 570 mW Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 7.0 mW/_C above 25_C
New Product
SPECIFICATIONS (V+ = 3 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged VNO, VNC, VCOM rON(NO) On-Resistance rON(NC) rON Flatnessd rON(NO) Flatness INO(off), INC(off) ICOM(off) Channel-On Leakage Current f ICOM(on) V+ = 2.7 V VCOM = 0 to V+, INO, INC = 100 mA V+ = 3.3 V, VNO, VNC = 1 V/3 V VCOM = 3 V/1 V V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 100 mA Full Room Full Room Full Room Room Full Room Full Room Full -2.3 -60 -2.3 -60 -2.3 -60 0 1.4 1.5 2.2 2.3 0.42 2.3 60 2.3 60 2.3 60 nA V+ 2.0 2.1 3.2 3.3 W V
Limits
-40 to 85_C
Symbol
V+ = 3 V, "10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage
Current f
Digital Control
Input High Voltage Input Low Voltage Input Capacitance Input Current
VINH
Full Full Full VIN = 0 or V+ Full
2 0.4 3.7 1 1 V pF mA
VINL
Cin
IINL or IINH
Dynamic Characteristics
tON(NO) Turn-On Time tON(NC) VNO or VNC = 2.0 V, RL = 300 W CL = 35 pF W, tOFF(NO) Turn-Off Time tOFF(NC) Break-Before-Make Time Charge Injectiond Off-Isolationd Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced td QINJ OIRR XTALK CNO(off) CNC(off) CNO(on) CNC(on) VIN = 0 or V+, f = 1 MHz VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF CL = 1 nF, VGEN = 0 V, RGEN = 0 W RL = 50 W CL = 5 pF, f = 1 MHz W, Room Full Room Full Room Full Full Room Room Room Room Room Room Room 1 5 2 2 3 1 -52 -53 75 34 88 95 pF dB pC 7 8 5 5.5 4 4.5 ms Room Full 6 10 11
Power Supply
Power Supply Range Power Supply Current Power Consumption www.vishay.com V+ I+ PC VIN = 0 or V+ Full Full 2.7 0.2 3.3 1.0 3.3 V mA mW
2
Document Number: 71676 S-04456--Rev. A, 03-Aug-01
DG2020
New Product
SPECIFICATIONS (V+ = 5 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged VNO, VNC, VCOM rON(NO) On-Resistance rON(NC) rON Flatnessd rON(NO) Flatness INO(off), INC(off) ICOM(off) Channel-On Leakage Current ICOM(on) V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 100 mA V+ = 4.5 V, VCOM = 3 V, INO, INC = 100 mA Full Room Full Room Full Room Room Full Room Full Room Full -5.3 -98 -5.3 -98 -5.3 -98 0 0.8 0.9 1.2 1.3 0.13 5.3 98 5.3 98 5.3 98 nA V+ 1.1 1.2 1.6 1.7 W V
Vishay Siliconix
Limits
-40 to 85_C
Symbol
V+ = 5 V, "10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage Current
V+ = 5.5 V VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V V+ = 5.5 V, VNO, VNC = VCOM = 1 V/4.5 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitance Input Current
VINH
Full Full Full VIN = 0 or V+ Full
2.4 0.8 3.5 1 1 V pF mA
VINL
Cin
IINL or IINH
Dynamic Characteristics
tON(NO) Turn-On Time tON(NC) VNO or VNC = 3 V, RL = 300 W CL = 35 pF W, tOFF(NO) Turn-Off Time tOFF(NC) Break-Before-Make Time Charge Injectiond Off-Isolationd Crosstalkd Source-Off Capacitanced Channel-On Capacitanced td QINJ OIRR XTALK CNO(off) CNC(off) CNO(on) CNC(on) VIN = 0 or V+, f = 1 MHz VNO or VNC = 3 V, RL = 300 W, CL = 35 pF CL = 1 nF, VGEN = 0 V, RGEN = 0 W RL = 50 W CL = 5 pF, f = 1 MHz W, Room Full Room Full Room Full Full Room Room Room Room Room Room Room 0.3 2 1 1 1.5 5 -53 -54 65 32 90 95 pF dB pC 5 5.5 4 4.5 3 3.5 ms Room Full 3 6 6.5
Power Supply
Power Supply Range Power Supply Current Power Consumption Notes: a. b. c. d. e. f. Room = 25C, Full = as determined by the operating suffix. Typical values are for design aid only, not guaranteed nor subject to production testing. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. Guarantee by design, nor subjected to production test. VIN = input voltage to perform proper function. Guaranteed by 5-V leakage testing, not production tested. V+ I+ PC VIN = 0 or V+ Full Full 4.5 0.2 5.5 1.0 5.5 V mA mW
Document Number: 71676 S-04456--Rev. A, 03-Aug-01
www.vishay.com
3
DG2020
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rON vs. VCOM and Supply Voltage
4.0 3.5 r ON - On-Resistance ( W ) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 1 2 3 4 5 VCOM - Analog Voltage (V) V+ = 4.5 V (NO) 0.5 0.0 V+ = 2.7 V (NO) V+ = 4.5 V (NC) V+ = 2.7 V (NC) r ON - On-Resistance ( W ) 2.0 2.5 V+ = 3 V NC @ 85_C NC @ 25_C NC @ -40_C
rON vs. Analog Voltage and Temperature
1.5
1.0 NO @ 85_C NO @ 25_C NO @ -40_C 0.5 1.0 1.5 2.0 2.5 3.0
VCOM - Analog Voltage (V)
rON vs. Analog Voltage and Temperature
1.50 V+ = 5 V NC @ 85_C r ON - On-Resistance ( W ) I+ - Supply Current (nA) 1.25 NC @ 25_C NC @ -40_C 10 100
Supply Current vs. Temperature
V+ = 5 V VIN = 0 V
1.00
1
0.75
NO @ 85_C NO @ 25_C NO @ -40_C
0.1
0.50 0 1 2 3 4 5 VCOM - Analog Voltage (V)
0.01 -60
-40
-20
0
20
40
60
80
100
Temperature (_C)
Supply Current vs. Input Switching Frequency
100 mA t ON / t OFF - Switching Time (m s) V+ = 5 V 8
Switching Time vs. Temperature and Supply Voltage
NO Switch
10 mA I+ - Supply Current (A)
6
tON V+ = 3 V
1 mA 100 mA
4 tON V+ = 5 V tOFF V+ = 3 V tOFF V+ = 5 V
10 mA
2
1 mA 0.1 mA 10 100 1K 10 K 100 K 1M 10 M Input Switching Frequency (Hz)
0 -60
-40
-20
0
20
40
60
80
100
VCOM - Analog Voltage (V)
www.vishay.com
4
Document Number: 71676 S-04456--Rev. A, 03-Aug-01
DG2020
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Switching Time vs. Temperature and Supply Voltage
6 NC Switch t ON / t OFF - Switching Time (m s) 5 Loss, OIRR, X TALK (dB) tON V+ = 3 V 4 -10 10 LOSS
Vishay Siliconix
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
-30
3 tOFF V+ = 3 V tON V+ = 5 V
-50 OIRR -70 XTALK V+ = 3 V RL = 50 W
2
1
tOFF V+ = 5 V
0 -60
-90 -40 -20 0 20 40 60 80 100 100 K 1M 10 M Frequency (Hz) 100 M 1G
VCOM - Analog Voltage (V)
Switching Threshold vs. Supply Voltage
2.5 20
Charge Injection vs. Analog Voltage
NO Switch
- Switching Threshold (V)
10 2.0 Q - Charge Injection (pC) 0 -10 -20 V+ = 3 V -30 -40 0.0 0 1 2 3 4 5 6 V+ - Supply Voltage (V) -50 0 1 2 3 4 5 6 VCOM - Analog Voltage (V) V+ = 5 V
1.5
1.0
VT
0.5
TEST CIRCUITS
V+ Logic Input V+ Switch Input NO or NC IN Logic Input GND 0V CL (includes fixture and stray capacitance) VOUT + VCOM RL R L ) R ON Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense. RL 300 W CL 35 pF COM Switch Output VOUT 0.9 x VOUT Switch Output 0V tON tOFF VINH 50% VINL tr t 20 ns tf t 20 ns
FIGURE 1. Switching Time
Document Number: 71676 S-04456--Rev. A, 03-Aug-01 www.vishay.com
5
DG2020
Vishay Siliconix
TEST CIRCUITS
V+ Logic Input COM VO RL 300 W CL 35 pF VINH VINL tr <5 ns tf <5 ns
New Product
V+ VNO VNC NO NC IN GND
VNC = VNO VO Switch 0V Output
90%
tD
tD
CL (includes fixture and stray capacitance)
FIGURE 5. Break-Before-Make Interval
V+
Rgen + Vgen VIN = 0 - V+
V+ COM IN GND NC or NO VOUT VOUT IN CL = 1 nF On
DVOUT
Off Q = DVOUT x CL
On
IN depends on switch configuration: input polarity determined by sense of switch.
FIGURE 2. Charge Injection
V+ 10 nF 10 nF V+ NC or NO IN COM COM 0 V, 2.4 V RL GND 0V, 2.4 V IN
V+
V+ COM Meter HP4192A Impedance Analyzer or Equivalent f = 1 MHz
NC or NO GND
Analyzer
VCOM Off Isolation + 20 log V NO NC
FIGURE 3. Off-Isolation
FIGURE 4. Channel Off/On Capacitance
www.vishay.com
6
Document Number: 71676 S-04456--Rev. A, 03-Aug-01


▲Up To Search▲   

 
Price & Availability of DG2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X