Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download DG2005DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2003/2004/2005
New Product
Vishay Siliconix
Low-Voltage Dual SPST Analog Switch
FEATURES
D D D D D D D Low Voltage Operation (1.8 V to 5.5 V) Low On-Resistance - rDS(on): 1.2 W Fast Switching - 14 ns Low Charge Injection - QINJ: 1 pC Low Power Consumption TTL/CMOS Compatible MSOP-8 Package
BENEFITS
D D D D Reduced Power Consumption Simple Logic Interface High Accuracy Reduce Board Space
APPLICATIONS
D D D D D Cellular Phones Communication Systems Portable Test Equipment Battery Operated Systems Sample and Hold Circuits
DESCRIPTION
The DG2003/2004/2005 are dual single-pole/single-throw monolithic CMOS analog switch designed for high performance switching of analog signals. Combining low power, fast switching, low on-resistance (rDS(on): 1.2 W) and small physical size (MSOP-8), the DG2003/2004/2005 are ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG2003/2004/2005 are built on Vishay Siliconix's low voltage JI2 process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on, and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG2003
NO1 COM1 IN2 GND V+ IN1 COM2 NO2 NC1 COM1 IN2 GND
DG2004
V+ IN1 COM2 NC2 NO1 COM1 IN2 GND
DG2005
V+ IN1 COM2 NC2
1 2 3 4
8 7 6 5
1 2 3 4
8 7 6 5
1 2 3 4
8 7 6 5
Top View
Top View
Top View
TRUTH TABLE - DG2003 Logic
0 1
TRUTH TABLE - DG2004 Logic
0 1
TRUTH TABLE - DG2005 Logic
0 1
NO
Off On
NC
On Off
NO1
Off On
NC2
On Off
ORDERING INFORMATION Temp Range
-40 to 85C
Package
MSOP-8
Part Number
DG2003DQ DG2004DQ DG2005DQ
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
www.vishay.com
1
DG2003/2004/2005
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Reference to GND V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6 V IN, COM, NC, NOa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+ + 0.3 V) Continuous Current (Any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . . "50 mA Peak Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . "200 mA (Pulsed at 1 ms, 10% duty cycle) Storage Temperature (D Suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150C Power Dissipation (Packages)b MSOP-8c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 320 mW Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6.5 mW/_C above 25_C
New Product
SPECIFICATIONS (V+ = 2.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd VNO, VNC, VCOM rON rON Flatness INO(off), INC(off) ICOM(off) Channel-On Leakage Current f ICOM(on) V+ = 2.0 V, VCOM = 1.0 V, INO, INC = 1 mA V+ = 2.0 V, VCOM = 0 to V+, INO, INC = 1 mA Full Room Fulld Room Room Fulld Room Fulld Room Fulld -500 -4.0 -500 -4.0 -500 -4.0 0 7.0 12.5 5 500 4.0 500 4.0 500 4.0 pA nA pA nA pA nA V+ 10.0 16.0 W V
Limits
-40 to 85_C
Symbol
V+ = 2.0 V, "10%, VIN = 0.4 or 1.6 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage
Currentf
V+ = 2.2 V VNO, VNC = 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitanced Input Current
VINH
Full Full Full VIN = 0 or V+ Full
1.6 0.4 5 -1 1 V pF mA
VINL
Cin
IINL or IINH
Dynamic Characteristics
Turn-On Time Turn-Off Time Charge Injectiond Off-Isolationd Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced tON tOFF QINJ OIRR XTALK CNO(off), CNC(off) CON CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3 RL = 50 W CL = 5 pF, f = 1 MHz W, VNO or VNC = 1.5 V, RL = 300 W, CL = 35 pF Figures 1 and 2 Room Fulld Room Fulld Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 110 30 22 2 -61 -67 53 pF dB 47 48 37 48 ns
pC
Power Supply
Power Supply Range Power Supply Currentd Power Consumption V+ I+ PC VIN = 0 or V+ 1.8 0.02 2.2 1.0 2.2 V mA mW
www.vishay.com
2
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
DG2003/2004/2005
New Product
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd VNO, VNC, VCOM rON rON Flatness INO(off), INC(off) ICOM(off) Channel-On Leakage Current f ICOM(on) V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA Full Room Full Room Room Full Room Full Room Full -500 -6.0 -500 -6.0 -500 -6.0 0 2.2 2.4 0.5 500 6.0 500 6.0 500 6.0 pA nA pA nA pA nA V+ 3.5 3.7 W V
Vishay Siliconix
Limits
-40 to 85_C
Symbol
V+ = 3 V, "10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Switch Off Leakage Current f
V+ = 3.3 V VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitanced Input Current
VINH
Full Full Full VIN = 0 or V+ Full
2 0.4 5 -1 1 V pF mA
VINL
Cin
IINL or IINH
Dynamic Characteristics
Turn-On Timed Turn-Off Timed Charge Injectiond Off-Isolationd Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced tON tOFF QINJ OIRR XTALK CNO(off), CNC(off) CON CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3 RL = 50 W CL = 5 pF, f = 1 MHz W, VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF Figure 1 and 2 Room Full Room Full Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 110 19 17 1 -61 -67 53 pF dB 35 36 31 34 ns
pC
Power Supply
Power Supply Range Power Supply Current Power Consumption V+ I+ PC VIN = 0 or V+ 2.7 0.02 3.3 1.0 3.3 V mA mW
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
www.vishay.com
3
DG2003/2004/2005
Vishay Siliconix
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions Otherwise Unless Specified Parameter Analog Switch
Analog Signal Ranged On-Resistance rON Flatnessd VNO, VNC, VCOM rON rON Flatness INO(off), INC(off) Switch Off Leakage Current ICOM(off) Channel-On Leakage Current ICOM(on) V+ = 4.5 V, VCOM = 3 V, INO, INC = 10 mA V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 10 mA Full Room Full Room Room Full Room Full Room Full -1.0 -8.0 -1.0 -8.0 -1.0 -8.0 0 1.2 1.6 0.2 1.0 8.0 1.0 8.0 1.0 8.0 nA V+ 2.5 2.7 W V
New Product
Limits
-40 to 85_C
Symbol
V+ = 5 V, "10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
V+ = 5.5 V VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V V+ = 5.5 V, V+ = 5.5 V VNO, VNC = VCOM = 1 V/4.5 V
Digital Control
Input High Voltage Input Low Voltage Input Capacitance Input Current
VINH
Full Full Full VIN = 0 or V+ Full
2.4 0.8 5 -1 1 V pF mA
VINL
Cin
IINL or IINH
Dynamic Characteristics
Turn-On Timed Turn-Off Timed Charge Injectiond Off-Isolationd Crosstalkd Source-Off Capacitanced Channel-On Capacitanced tON tOFF QINJ OIRR XTALK CNO(off), CNC(off) CON CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3 RL = 50 W CL = 5 pF, f = 1 MHz W, VNO or VNC = 3 V, RL = 300 W, CL = 35 pF Figure 1 and 2 Room Full Room Full Room Room Room Room VIN = 0 or V+, f = 1 MHz Room 110 13 19 1 -61 -67 51 pF dB 28 31 22 31 ns
pC
Power Supply
Power Supply Range Power Supply Current Power Consumption Notes: a. b. c. d. e. f. Room = 25C, Full = as determined by the operating suffix. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. Typical values are for design aid only, not guaranteed nor subject to production testing. Guarantee by design, nor subjected to production test. VIN = input voltage to perform proper function. Guaranteed by 5-V leakage testing, not production tested. V+ I+ PC VIN = 0 or V+ 4.5 0.02 5.5 1.0 5.5 V mA mW
www.vishay.com
4
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
DG2003/2004/2005
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rON vs. VCOM Supply Voltage
8 7 r ON - On-Resistance ( W ) 6 5 4 3 V+ = 3 V/IS = 100 mA 2 1 0 0 1 2 3 4 5 V+ = 5 V/IS = 100 mA r ON - On-Resistance ( W ) V+ = 2 V/IS = 1 mA 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 1 2 3 4 5 85_C V+ = 3 V -40_C 0_C 25_C
Vishay Siliconix
rON vs. Analog Voltage and Temperature
VCOM - Analog Voltage (V)
VCOM - Analog Voltage (V)
Supply Current vs. Temperature
10 V+ = 5 V VIN = 0 V I+ - Supply Current (nA) 10 m 1m 100 m 10 m 1m 100 n 10 n 0.01 -60 1n -40 -20 0 20 40 60 80 100
Supply Current vs. Input Switching Frequency
1
0.1
I+ - Supply Current (A)
10
100
1K
10 K
100 K
1M
10 M
Temperature (_C)
Input Switching Frequency (Hz)
Leakage Current vs. Temperature
10000 V+ = 5 V 200 150 100 Leakage Current (pA) 50
Leakage vs. Analog Voltage
V+ = 5 V T = 25_C
1000 Leakage Current (pA)
100 INO(off)/INC(off)
ICOM(on)
ICOM(on) 0 ICOM(off) -50 -100 INO(off)/INC(off)
10 ICOM(off) 1 -60
-150 -200
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
Temperature (_C)
VCOM, VNO, VNC - Analog Voltage
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
www.vishay.com
5
DG2003/2004/2005
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Switching Time vs. Temperature and Supply Voltage
35 tON V+ = 2 V t OFF - Switching Time (ns) 30 25 20 tON V+ = 3 V 15 10 t ON, 5 tOFF V+ = 3 V tON V+ = 5 V tOFF V+ = 5 V Loss, OIRR, XTALK (dB)
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
10 0 -10 -20 -30 -40 -50 -60 -70 XTALK -80 -90 100 K OIRR V+ = 3 V RL = 50 W LOSS
tOFF V+ = 2 V
0 -60
-40
-20
0
20
40
60
80
100
1M
10 M Frequency (Hz)
100 M
1G
Temperature (_C)
Switching Threshold vs. Supply Voltage
2.0 1.8 V T - Switching Threshold (V) 1.6 Q - Charge Injection (pC) 10 20 15
Charge Injection vs. Analog Voltage
V+ = 5 V V+ = 3 V V+ = 2 V
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 V+ - Supply Voltage (V)
5 0 -5 -10 -15 -20 0 1 2 3 4 5 6 VCOM - Analog Voltage (v)
www.vishay.com
6
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
DG2003/2004/2005
New Product
TEST CIRCUITS
V+ Logic Input V+ Switch Input NO or NC IN Logic Input GND RL 300 W CL 35 pF COM Switch Output VOUT 0.9 x VOUT Switch Output 0V tON tOFF VINH 50% VINL
Vishay Siliconix
tr t 5 ns tf t 5 ns
CL (includes fixture and stray capacitance) V OUT + V COM RL R L ) R ON
Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense.
FIGURE 1. Switching Time
V+
Rgen + Vgen
V+ COM IN GND NC or NO VOUT VOUT CL = 1 nF IN On
DVOUT
Off Q = DVOUT x CL
On
VIN = 0 - V+ IN depends on switch configuration: input polarity determined by sense of switch.
FIGURE 2. Charge Injection
V+ 10 nF 10 nF
V+
V+ NC or NO IN COM RL 0V, 2.4 V IN 0 V, 2.4 V
V+ COM Meter HP4192A Impedance Analyzer or Equivalent f = 1 MHz
NC or NO GND Off Isolation + 20 log V NO NC V COM GND
Analyzer
FIGURE 3. Off-Isolation
FIGURE 4. Channel Off/On Capacitance
Document Number: 71754 S-05298--Rev. B, 17-Dec-01
www.vishay.com
7


▲Up To Search▲   

 
Price & Availability of DG2005DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X